Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA309A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 1 Page - STMicroelectronics

  STA309A Datasheet HTML 1Page - STMicroelectronics STA309A Datasheet HTML 2Page - STMicroelectronics STA309A Datasheet HTML 3Page - STMicroelectronics STA309A Datasheet HTML 4Page - STMicroelectronics STA309A Datasheet HTML 5Page - STMicroelectronics STA309A Datasheet HTML 6Page - STMicroelectronics STA309A Datasheet HTML 7Page - STMicroelectronics STA309A Datasheet HTML 8Page - STMicroelectronics STA309A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
October 2009
Doc ID 13855 Rev 4
1/67
67
STA309A
Multi-channel digital audio processor with DDX®
Features
8 channels of 24-bit DDX® (direct digital
amplification)
>100 dB of SNR and dynamic range
Selectable 32 kHz - 192 kHz input sample rates
6 channels of DSD/SACD input
Digital gain/attenuation +58 dB to -100 dB in
0.5-dB steps
Soft volume update
Individual channel and master gain/attenuation
plus channel trim (-10 dB to +10 dB)
Up to 10 independent 32-bit user
programmable biquads (EQ) per channel
Bass/treble tone control
Pre and post EQ full 8-channel input mix on all
8 channels
Dual independent limiters/compressors
Dynamic range compression
Automode™:
– 5-band graphic EQ
– 32 preset EQ curves (rock, jazz, pop, etc.)
– Automatic volume controlled loudness
– 5.1 to 2-channel downmix
– Simultaneous 5.1- and 2-channel downmix
outputs
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset movie nighttime listening mode
– Preset TV channel/commercial AGC mode
– 5.1, 2.1 bass management configurations
– 8 preset crossover filters
Individual channel and master soft/hard mute
Automatic zero-detect and invalid input mute
Automatic invalid input detect mute
Advanced PopFree operation
Advanced AM interference frequency
switching and noise suppression modes
I2S output channel mapping function
Independent channel volume and DSP bypass
Channel mapping of any input to any
processing/DDX® channel
DC blocking selectable high-pass filter
Selectable per-channel DDX® damped ternary
or binary PWM output
Max power correction for lower full-power THD
Variable per channel DDX® output delay control
192 kHz internal processing sample rate, 24-bit
to 36-bit precision
Description
The STA309A is a single chip solution for digital
audio processing and control in multi-channel
applications. It provides output capabilities for
DDX®. In conjunction with a DDX® power device,
the STA309A provides high-quality,
high-efficiency, all digital amplification. The device
is extremely versatile, allowing inputs of most
digital formats including 6.1/7.1-channel and
192 kHz, 24-bit DVD-audio, DSD/SACD. In 5.1
applications the additional 2 channels can be
used for audio line-out or headphone drive. In
speaker mode, with 8 channel outputs in parallel,
the STA309A can deliver more than 1 W.
Table 1.
Device summary
Order code
Package
STA309A
TQFP64
STA309A13TR
TQFP64
TQFP64
www.st.com


Similar Part No. - STA309A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA309A SANKEN-STA309A Datasheet
31Kb / 1P
PNP Darlington General purpose/3-phase motor drive
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
STA309A STMICROELECTRONICS-STA309A Datasheet
639Kb / 71P
Multi-channel digital audio processor with DDX®
28-Apr-2022
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
639Kb / 71P
Multi-channel digital audio processor with DDX®
28-Apr-2022
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
More results

Similar Description - STA309A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
STMicroelectronics
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
Oct-2003
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
Multi-channel digital audio processor with DDX TM
Jul-2007
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
logo
Texas Instruments
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
Digital Audio Processor With Codec
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
Multi-channel digital audio processor with DDX®
28-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com