Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM6720 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM6720
Description  Dual/triple ultra-low voltage supervisors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6720 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM6720 Datasheet HTML 17Page - STMicroelectronics STM6720 Datasheet HTML 18Page - STMicroelectronics STM6720 Datasheet HTML 19Page - STMicroelectronics STM6720 Datasheet HTML 20Page - STMicroelectronics STM6720 Datasheet HTML 21Page - STMicroelectronics STM6720 Datasheet HTML 22Page - STMicroelectronics STM6720 Datasheet HTML 23Page - STMicroelectronics STM6720 Datasheet HTML 24Page - STMicroelectronics STM6720 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
DC and AC parameters
Doc ID 11469 Rev 8
21/30
Manual (push-button) reset input
VIL
MR input voltage
0.3VC
C1
V
VIH
0.7VCC1
V
tMLMH
tMR
MR minimum pulse width
(STM6717/18/19/20)
1µs
MR minimum pulse width
(STM6777/78/79/80)
MRC connected via
capacitor to VSS
6µs
tMLRL
tMRD
MR to RST output delay
200
ns
MR glitch immunity
(STM6717/18/19/20)
100
ns
MR pull-up resistance
25
50
80
k
Ω
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC1 = 0.8 to 5.5 V and VCC2 = 0.8 to 3.6 V (except where
noted).
2.
Input leakage for the MRC pin is not tested.
3.
Guaranteed by design.
4.
The leakage current measured on the RST pin is tested with the reset de-asserted (output high impedance).
Table 6.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
Table 7.
tMLMH minimum pulse width
VCC1
Capacitor value(1)
100 pF
0.1 µF
2.2 µF
3.3 µF
4.7 µF
6.8 µF
1.6 V
120 µs
120 ms
2.6 s
4.0 s
5.6 s
8.2 s
2.0 V
122 µs
122 ms
2.7 s
4.0 s
5.8 s
8.3 s
3.0 V
125 µs
125 ms
2.7 s
4.1 s
5.9 s
8.5 s
4.0 V
128 µs
129 ms
2.8 s
4.2 s
6.0 s
8.7 s
5.0 V
130 µs
130 ms
2.8 s
4.3 s
6.1 s
8.8 s
1.
At 25 °C (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com