Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

749 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 749
Description  QUADRATURE HYBRID
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

749 Datasheet(HTML) 1 Page - API Technologies Corp

  749 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT
QUADRATURE HYBRID
SPECIFICATION
HIGH POWER, OCTAVE BAND, 3 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
TEMLINE
 SERIES
SPECIFICATIONS
Frequency
Range
(MHz)
Isolation
min
(dB)
VSWR
max
Insertion
Loss, max1
(dB)
Model
Number
125-150
23
1.20
0.1
749
250-500
20
1.20
0.1
750
500-1000
20
1.25
0.1
751
1000-2000
20
1.25
0.1
752
2000-4000
20
1.25
0.1
753
NOTES:
1.
Maximum loss is the actual dissipative loss and reflective loss due to VSWR. It does not include coupling loss.
2.
Unbalance is measured as the difference between the coupled and mainline output ports from the mean coupling at each frequency.
NOTES:
B dimension for all models is .34” (0,86 cm)
C dimension for all models is .10” (0,26 cm)
D dimension for all models is 1.38 (3,51 cm)
E dimension for all models is .88” (2,24 cm)
F dimension for all models is 2.31” (5,87 cm)
F dimension for all models is 2.31” (5,87 cm)
G dimension for all models is .72” (1,83 cm)
Dimensions (See Drawing)
Weights
Model
Number
A”
A (cm)
L”
L (cm)
Ounces
Grams
749
11.00
(27,94)
11.69
(29,69)
19
538
750
5.63
(14,30)
6.31
(16,03)
13
368
751
2.78
(7,06)
3.47
(8,81)
7
198
752
1.41
(3,58)
2.09
(5,31)
5
142
753
.81
(2,07)
1.50
(3,81)
4
113
NOTES:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 070710
FEATURES
• TYPE “N” Connectors
• Average Power Rating 1,000 Watts, Normalized at 1 GHz
• 1 dB Maximum Unbalance
• Meet MIL-E-5400 Class 3 or Equivalent
• Screenable to MIL-P-23971 or Equivalent
OUTLINE DRAWING


Similar Part No. - 749

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
749 ETC2-749 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
API Technologies Corp
749 APITECH-749 Datasheet
154Kb / 1P
QUADRATURE HYBRID
749 APITECH-749 Datasheet
154Kb / 1P
QUADRATURE HYBRID
749 APITECH-749 Datasheet
153Kb / 1P
QUADRATURE HYBRID
logo
List of Unclassifed Man...
749 ETC2-749 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
More results

Similar Description - 749

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHD-3C-3.4G MERRIMAC-QHD-3C-3.4G Datasheet
244Kb / 5P
QUADRATURE HYBRID
logo
API Technologies Corp
752 APITECH-752 Datasheet
154Kb / 1P
QUADRATURE HYBRID
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
QUADRATURE HYBRID
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
QUADRATURE HYBRID
750 APITECH-750 Datasheet
154Kb / 1P
QUADRATURE HYBRID
749 APITECH-749 Datasheet
153Kb / 1P
QUADRATURE HYBRID
logo
M/A-COM Technology Solu...
JH_JHS-113 MA-COM-JH_JHS-113 Datasheet
90Kb / 3P
Quadrature Hybrid
JH_JHS-114_JH-133 MA-COM-JH_JHS-114_JH-133 Datasheet
99Kb / 3P
Quadrature Hybrid
JH_JHS-119 MA-COM-JH_JHS-119 Datasheet
92Kb / 3P
Quadrature Hybrid
JH_JHS-121 MA-COM-JH_JHS-121 Datasheet
93Kb / 3P
Quadrature Hybrid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com