Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BXMF1014 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1014
Description  Frequency Multiplier (x2 to x48)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1014 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1014 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Fully Customizable Housing
• Fast 90 nsec Switching Speed
• High Output +10 dBm Drive Level
• 2 Programmable Outputs
• Null Output Mode
• x2 through x48 Multiplication
Frequency Multiplier (x2 to x48)
Model BXMF1014 (100 - 125 MHz)
Description
This Multiplier provides the system designer with a com-
pact, fast-switching building block for LO multiplication
applications. An internal solid-state multiplier provides fre-
quency multiplication by your choice of a factor of 2, 4, 8,
or up to 48, all from a single input frequency.
The multiplier is designed for airborne applications and has
field-replaceable RF connectors. The entire assembly is
designed to be slid into a channel for systems installation
without the need to solder wires or screw on connectors.
This design incorporates single-stage active doublers,
amplifiers, SRD multipliers, power splitters, bandpass filter-
ing, voltage conditioning, and BIT circuits and provides
excellent phase noise performance.
Applications
• Synthesizer Building Block
• SIGINT
• ELINT
• EW
Typical Specifications
Input Frequency
100 to 125 MHz
Input Level
+10 dBm
Output Frequency
200 MHz to 6000 MHz
Output Level
+10 dBm
Bandwidth
2%
Switching Speed
90 nsec
Harmonics
-60 dBc
DC Power
+28 V @ 275 mA
+15 V @ 75 mA
Temp Range
0oC to +75oC
All specifications above measured at 25 oC
Dimensions and Connections
12” L x 13” W x 1” H
Revision 7/5/2012
Spectrum Microwave, Inc. • P: 888.553.7531 • F: 888.553.7532
E-mail: salesSpectrumsMicrowave.com • www.SpectrumMicrowave.com


Similar Part No. - BXMF1014

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1010 APITECH-BXMF1010 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1011 APITECH-BXMF1011 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1012 APITECH-BXMF1012 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1013 APITECH-BXMF1013 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1015 APITECH-BXMF1015 Datasheet
154Kb / 1P
Frequency Multiplier (x2 to x48)
More results

Similar Description - BXMF1014

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1430F-EPU TRIQUINT-TGC1430F-EPU Datasheet
105Kb / 4P
20 - 40 GHz X2 Frequency Multiplier
logo
API Technologies Corp
BXMF1018 APITECH-BXMF1018 Datasheet
154Kb / 1P
Frequency Multiplier (x2 to x48)
BXMF1017 APITECH-BXMF1017 Datasheet
154Kb / 1P
Frequency Multiplier (x2 to x48)
BXMF1016 APITECH-BXMF1016 Datasheet
154Kb / 1P
Frequency Multiplier (x2 to x48)
BXMF1015 APITECH-BXMF1015 Datasheet
154Kb / 1P
Frequency Multiplier (x2 to x48)
BXMF1000 APITECH-BXMF1000 Datasheet
62Kb / 1P
Frequency Multiplier (x2)
X48 APITECH-X48 Datasheet
193Kb / 1P
Frequency Multipliers X2, X4, X8 & X48 Multiplication
logo
TriQuint Semiconductor
TGC1430F TRIQUINT-TGC1430F_15 Datasheet
221Kb / 4P
20 - 40 GHz X2 Frequency Multiplier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6120 AVAGO-AMMP-6120_15 Datasheet
282Kb / 7P
8-24 GHz x2 Frequency Multiplier
logo
Mini-Circuits
CY2-143-D MINI-CY2-143-D Datasheet
259Kb / 4P
X2 MMIC Frequency Multiplier Die
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com