Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5643AF0MLU3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MLU3
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MLU3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MLU3 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5643AF0MLU3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
6
1.4
Feature details
1.4.1
e200z4 core
MPC5644A devices have a high performance e200z448n3 core processor:
•
Dual issue, 32-bit Power Architecture embedded category CPU
•
Variable Length Encoding Enhancements
•
8 KB instruction cache: 2- or 4- way set associative instruction cache
•
Thirty-two 64-bit general purpose registers (GPRs)
•
Memory management unit (MMU) with 24-entry fully-associative translation look-aside buffer (TLB)
•
Harvard Architecture: Separate instruction bus and load/store bus
•
Vectored interrupt support
•
Non-maskable interrupt input
•
Critical Interrupt input
•
New ‘Wait for Interrupt’ instruction, to be used with new low power modes
•
Reservation instructions for implementing read-modify-write accesses
•
Signal processing extension (SPE) APU
•
Single Precision Floating point (scalar and vector)
•
Nexus Class 3+ debug
•
Process ID manipulation for the MMU using an external tool
1.4.2
Crossbar Switch (XBAR)
The XBAR multiport crossbar switch supports simultaneous connections between five master ports and four slave ports. The
crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows three concurrent transactions to occur from the master ports to any slave port but each master must access
a different slave. If a slave port is simultaneously requested by more than one master port, arbitration logic selects the higher
priority master and grants it ownership of the slave port. All other masters requesting that slave port are stalled until the higher
priority master completes its transactions. Requesting masters are treated with equal priority and are granted access to a slave
port in round-robin fashion, based upon the ID of the last master to be granted access. The crossbar provides the following
features:
•
5 master ports
— CPU instruction bus
— CPU data bus
—eDMA
—FlexRay
— External Bus Interface
•
4 slave ports
—Flash
— Calibration and EBI bus
—SRAM
— Peripheral bridge
•
32-bit internal address, 64-bit internal data paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com