Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC5643AF0MMG2 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MMG2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MMG2 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MMG2 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5643AF0MMG2 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
75
3.6.1
Voltage regulator controller (VRC) electrical specifications
8a
—
CC C Variation of LVI for rising
5V VDDREG supply at
power-on reset
Lvi5p0 -
6%
Lvi5p0
Lvi5p0 +
6%
V
8b
—
CC C Variation of LVI for rising
5V VDDREG supply
power-on reset
Lvi5p0 -
3%
Lvi5p0
Lvi5p0 +
3%
V
8c
—
CC C Trimming step LVI 5 V
—
20
—
mV
8d
Lvi5p0_h
CC C LVI 5 V hysteresis
—
60
—
mV
9
Por5V_r
CC C Nominal POR for rising 5 V
VDDREG supply
—2.67
—
V
9a
—
CC C Variation of POR for rising
5V VDDREG supply
Por5V_r
- 35%
Por5V_r
Por5V_r
+ 50%
V
9b
Por5V_f
CC C Nominal POR for falling 5 V
VDDREG supply
—2.47
—
V
9c
—
CC C Variation of POR for falling
5V VDDREG supply
Por5V_f
- 35%
Por5V_f
Por5V_f
+ 50%
V
1 Using external ballast transistor.
2 Min range is extended to 10% since Lvi1p2 is reprogrammed from 1.2 V to 1.16 V after power-on reset.
3 LVI for falling supply is calculated as LVI rising – LVI hysteresis.
4 Lvi1p2 tracks DC target variation of internal Vdd regulator. Minimum and maximum Lvi1p2 correspond to minimum
and maximum Vdd DC target respectively.
5 Minimum loading (<10 mA) for reading trim values from flash, powering internal RC oscillator, and IO consumption
during POR.
6 No external load is allowed, except for use as a reference for an external tool.
7 This value is valid only when the internal regulator is bypassed. When the internal regulator is enabled, the
maximum external load allowed on the Nexus pads is 30 pF at 40 MHz.
8 Lvi3p3 tracks DC target variation of internal Vdd33 regulator. Minimum and maximum Lvi3p3 correspond to
minimum and maximum Vdd33 DC target respectively.
Table 16. VRC electrical specifications
Symbol
Parameter
Min.
Max.
Units
IVRCCTL1
1 IVRCCTL is measured at the following conditions: VDD = 1.35 V, VRC33 = 3.1 V, VVRCCTL = 2.2 V.
Current can be sourced by VRCCTL at Tj:
25 oCTBD
—
mA
150 oCTBD
—
mA
BETA 2
Required gain at Tj:
IDD IVRCCTL (fsys = fMAX) 1,3,4
– 40 oCTBD
—
—
25 oC
TBD
——
150 oC
TBD
TBD
—
Table 15. PMC Electrical Characteristics (continued)
ID
Name
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com