Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BXMF1002 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1002
Description  Frequency Multiplier (x4, x8)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1002 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1002 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Additive Phase Noise:
-146 dBc/Hz @ 1 kHz Offset (x8)
• Excellent Harmonic Performance: -50 dBc
• Low Discrete Spurious: -75 dBc
• High Reliability: 200,000 Hr MTBF
• Low Harmonic & Sub-Harmonic Content:
-60 dBc
Frequency Multiplier (x4, x8)
Model BXMF1002 (50 - 100 MHz)
Description
Spectrum Microwave offers a line of low noise frequency
multipliers based on multiple passive doubler/amplifier
combinations. This series of custom designed assemblies
cover input frequency ranges of 50 to 100 MHz with output
frequencies in the range of as low as 200 MHz to 800
MHz. Narrowband or broadband devices are available.
Additive phase noise testing ensures low phase noise/jitter
performance. All internal amplifiers and doublers are con-
tained in rugged TO-8 hermetic packages for excellent per-
formance over military environmental conditions.
Optional Features
• Output Filtering
• Digital ECL Outputs (Single or Differential)
• Built-in Test Power Detectors
• Internal Voltage Regulators
Applications
•
Synthesizer
Building
Block
•
SIGINT
Spectrum Microwave, Inc. • P: 888.553.7531 • F: 888.553.7532
E-mail: sales@spectrummicrowave.com • www.SpectrumMicrowave.com
Typical Specifications
Input Frequency
50 to 100 MHz
Input Level
+10 dBm
Output Frequency x4 200 to 400 MHz
Output Frequency x8 400 to 800 MHz
Power Input
+10 dBm
Output Level
+3 dBm
Bandwidth
1%
Switching Speed
90 nsec
Harmonics
-50 dBc
Sub-Harminics
-70 dBc
ECL Differential Delay 100 psec
Phase Noise
-146 dBc/Hz @ 1 kHz
(Ref. to input)
-158 dBc/Hz @ 10 kHz
-158 dBc/Hz @ 100 kHz
DC Power
+15 V @ 250 mA
+5 V @ 60 mA
Temp Range
0oC to +70oC
All specifications above typical, measured at 25 oC
Dimensions and Connections
4.5” L x 4.5” W x 1.5” H
Revision: 7/5/2012


Similar Part No. - BXMF1002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1000 APITECH-BXMF1000 Datasheet
62Kb / 1P
Frequency Multiplier (x2)
BXMF1001 APITECH-BXMF1001 Datasheet
66Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1003 APITECH-BXMF1003 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1004 APITECH-BXMF1004 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1005 APITECH-BXMF1005 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
More results

Similar Description - BXMF1002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1010 APITECH-BXMF1010 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1009 APITECH-BXMF1009 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1007 APITECH-BXMF1007 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1008 APITECH-BXMF1008 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1006 APITECH-BXMF1006 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1005 APITECH-BXMF1005 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1004 APITECH-BXMF1004 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1003 APITECH-BXMF1003 Datasheet
151Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1001 APITECH-BXMF1001 Datasheet
66Kb / 1P
Frequency Multiplier (x4, x8)
X4 APITECH-X4 Datasheet
183Kb / 1P
Frequency Multipliers X4, X8 Multiplication
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com