Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFS4610TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS4610TRLPBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4610TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS4610TRLPBF Datasheet HTML 1Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 2Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 3Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 4Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 5Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 6Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 7Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 8Page - International Rectifier IRFS4610TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
5/22/08
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
PD - 96906C
www.irf.com
1
D2Pak
IRFS4610
TO-220AB
IRFB4610
TO-262
IRFSL4610
IRFB4610
IRFS4610
IRFSL4610
HEXFET® Power MOSFET
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
S
D
G
S
D
G
S
D
G
VDSS
100V
RDS(on) typ.
11m
:
max.
14m
:
ID
73A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
f
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dV/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
f
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
0.77
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
°C/W
RθJA
Junction-to-Ambient, TO-220
j
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak
ij
–––
40
370
See Fig. 14, 15, 16a, 16b,
190
7.6
-55 to + 175
± 20
1.3
10lb
xin (1.1Nxm)
300
Max.
73
52
290


Similar Part No. - IRFS4610TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4610 IRF-IRFS4610 Datasheet
381Kb / 11P
IRFB4610 IRFS4610 IRFSL4610
logo
Inchange Semiconductor ...
IRFS4610 ISC-IRFS4610 Datasheet
189Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS4610PBF IRF-IRFS4610PBF Datasheet
416Kb / 11P
HEXFET Power MOSFET
IRFS4610PBF IRF-IRFS4610PBF Datasheet
404Kb / 11P
High Efficiency Synchronous Rectification in SMPS
IRFS4610PBF IRF-IRFS4610PBF_15 Datasheet
404Kb / 11P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS4610TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF_15 Datasheet
367Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRFP3306PBF IRF-IRFP3306PBF_15 Datasheet
301Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP4004PBF IRF-IRFP4004PBF_15 Datasheet
300Kb / 8P
High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4768PBF INFINEON-IRFP4768PBF Datasheet
476Kb / 9P
High Efficiency Synchronous Rectification in SMPS
2016-12-12
IRFP4568PBP INFINEON-IRFP4568PBP Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
09/08/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com