Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM8412CB Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # ASM8412CB
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM8412CB Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

  ASM8412CB Datasheet HTML 1Page - Aplus Intergrated Circuits ASM8412CB Datasheet HTML 2Page - Aplus Intergrated Circuits ASM8412CB Datasheet HTML 3Page - Aplus Intergrated Circuits ASM8412CB Datasheet HTML 4Page - Aplus Intergrated Circuits ASM8412CB Datasheet HTML 5Page - Aplus Intergrated Circuits ASM8412CB Datasheet HTML 6Page - Aplus Intergrated Circuits ASM8412CB Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev 1.0
6
1.5 DC Characteristics for
ASM8412CB
SYMBOL
PARAMETER
VDD
MIN.
TYP.
MAX.
UNIT
CONDITION
VDD
OPERATING VOLTAGE
2.4
3
5.
0
V
depending on Freq.
31
Isb
STANDBY
51
uA
4MHz, RM
in HALT Mode
32
Iop
SUPPLY
CURRENT
OPERATING
57
mA
4MHz, RM
IO Floating
33
59
Iih
INPUT CURRENT
/Internal pull low
5-5.2
uA
4MHz, RM
in HALT Mode
(IO Ports with weak
pull-high pull-low)
3-3
Ioh
OUTPUT HIGH CURRENT
5-8
37
Iol
OUTPUT LOW CURRENT
520
34
Cout
DA CURRENT OUT
(FULL SCALE)
55.2
mA
4MHz, RM
(IO ports)
dF/F
FREQUENCY
STABILITY
-10
10
%
Fosc(3v- 2.4v)
Fosc (3v)
dF/F
Fosc VARIATION
-20
20
%
VDD=3V,
Rosc=180k, 4MHz
FIGURE 1.3 : Frequency Range for Rosc in RM mode
Resistor(k ohm)
300
200
150
110
3v Freq.(MHz)
2.66
3.8
4.99
6.4
Rosc & F req.
2.66
3.8
4.99
6.4
0
2
4
6
8
0
100
200
300
400
Rosc k ohm
ASM8412CB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com