Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AV0716D Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # AV0716D
Description  single-chip synthesizing CMOS VLSI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV0716D Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

  AV0716D Datasheet HTML 1Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 2Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 3Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 4Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 5Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 6Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 7Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 8Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
APLUS 巨華積体電路股份有限公司
AVxx16 Serie
www.aplusinc.com.tw
Page
/ 9
2002-Rev.2
8
APPLICATION CIRCUITS :
D > SNOOZE FUNCTION
S ( 8 ohm SPEAKER )
T ( 8050 )
( BUZZER or 8 , 32 , 64 ohm SPEAKER )
timer switch
( normal on switch )
TG
GND
IO3
IO2
IO1
VDD
OSC
Rosc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com