Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE08S04 Datasheet(PDF) 5 Page - Tyco Electronics

Part # ADE08S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE08S04 Datasheet(HTML) 5 Page - Tyco Electronics

  ADE08S04 Datasheet HTML 1Page - Tyco Electronics ADE08S04 Datasheet HTML 2Page - Tyco Electronics ADE08S04 Datasheet HTML 3Page - Tyco Electronics ADE08S04 Datasheet HTML 4Page - Tyco Electronics ADE08S04 Datasheet HTML 5Page - Tyco Electronics ADE08S04 Datasheet HTML 6Page - Tyco Electronics ADE08S04 Datasheet HTML 7Page - Tyco Electronics ADE08S04 Datasheet HTML 8Page - Tyco Electronics ADE08S04 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
4
Switches
DIP Shunts, DIP-Fix, Rotary DIP Switches
DR-/D/M/S/W Series
I Process sealed
I 10 mm edge length
for THT version only
10, 16
THT, SMT
Flush, Mini plastic shaft,
Wheel, Metal shaft
Yes
BCD, BCD compl.,
Hex, Hex compl.
Optional
20 mA @ 20 Vdc
20,000 ops.
-30…+85°C
10x10x6.8 mm
Tube, Tape and Reel (for
SMT version only)
MRD Series
I Low profile
I Process sealed
I 7 mm edge length
for THT version only
10, 16
THT, SMT
Flush actuator only
Yes
BCD, BCD compl.,
Hex, Hex compl.
Optional
20 mA @ 20 Vdc
20,000 ops.
-30…+85°C
7x7x3.3 mm
Tube, Tape and Reel
Rotary Dips
Right angle versions
Standard number of positions
Mounting style
Actuator style
Flush actuator versions
Output Code
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (LxWxH)
Packaging
DIP-Fix
I Highly simplified DIP
switch with change over
option
I Low cost alternative
I Predetermined breaking
points
1-10, 12, 16, 24
THT
No
up to 0.5 A
50 ops.
-40…+85°C
12.4 x 8.1 mm
Tray
HTH DIP Shunts
I Machine insertable shunt
on request
4, 6, 8, 10, 12
THT
No
up to 2 A
-
-30…+85°C
6.,0 x 2.0 mm
Tube
Shunts, DIP-Fix
Standard number of positions
Mounting style
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (WxH)
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com