Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS2541ARTET Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 23Page - Texas Instruments TPS2541ARTET Datasheet HTML 24Page - Texas Instruments TPS2541ARTET Datasheet HTML 25Page - Texas Instruments TPS2541ARTET Datasheet HTML 26Page - Texas Instruments TPS2541ARTET Datasheet HTML 27Page - Texas Instruments TPS2541ARTET Datasheet HTML 28Page - Texas Instruments TPS2541ARTET Datasheet HTML 29Page - Texas Instruments TPS2541ARTET Datasheet HTML 30Page - Texas Instruments TPS2541ARTET Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
SHORT
ILIMx
48000
I
R
=
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
Current-Limit Thresholds
The TPS2540/40A/41/41A has two independent current-limit thresholds that are each programmed externally
with a resistor. The following equation programs the typical current-limit threshold:
(3)
where ISHORT is in mA and RILIMx is in kΩ. RILIMx corresponds to RILIM0 when ILIM_SEL is logic LO and to
RILIM1 when ILIM_SEL is logic HI. The ILIM_SEL pin allows the system to digitally select between two
current-limit thresholds, which is useful in end equipment that may require a lower setting when powered from
batteries vs. wall adapters.
FAULT Response
The FAULT open-drain output is asserted (active low) during an over-temperature or current limit condition. The
output remains asserted until the fault condition is removed. The TPS2540/40A/41/41A is designed to eliminate
false FAULT reporting by using an internal deglitch circuit for current limit conditions without the need for external
circuitry. This ensures that FAULT is not accidentally asserted due to normal operation such as starting into a
heavy capacitive load. Over-temperature conditions are not deglitched and assert the FAULT signal immediately.
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO
turn-on threshold. Built-in hysteresis prevents unwanted oscillations on the output due to input voltage drop from
large current surges.
Thermal Sense
The TPS2540/40A/41/41A protects itself with two independent thermal sensing circuits that monitor the operating
temperature of the power distribution switch and disables operation if the temperature exceeds recommended
operating conditions. The device operates in constant-current mode during an over-current condition, which
increases the voltage drop across power switch. The power dissipation in the package is proportional to the
voltage drop across the power switch, so the junction temperature rises during an over-current condition. The
first thermal sensor turns off the power switch when the die temperature exceeds 135
°C and the part is in current
limit. The second thermal sensor turns off the power switch when the die temperature exceeds 155
°C regardless
of whether the power switch is in current limit. Hysteresis is built into both thermal sensors, and the switch turns
on after the device has cooled by approximately 10
°C. The switch continues to cycle off and on until the fault is
removed. The open-drain false reporting output FAULT is asserted (active low) during an over-temperature
shutdown condition.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com