Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8347ECVRAGFB Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRAGFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRAGFB Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRAGFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8347ECVRAGFB Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
79
Clocking
19.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 60 shows the multiplication factor
encodings for the system PLL.
As described in Section 19, “Clocking,” the LBIUCM, DDRCM, and SPMF parameters in the reset
configuration word low and the CFG_CLKIN_DIV configuration input signal select the ratio between the
primary clock input (CLKIN or PCI_CLK) and the internal coherent system bus clock (csb_clk). Table 61
3 The DDR data rate is 2× the DDR memory bus frequency.
4 The local bus frequency is ½, ¼, or 1/8 of the lbiu_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1× or 2× the
csb_clk frequency (depending on RCWL[LBIUCM]).
Table 60. System PLL Multiplication Factors
RCWL[SPMF]
System PLL Multiplication Factor
0000
× 16
0001
Reserved
0010
× 2
0011
× 3
0100
× 4
0101
× 5
0110
× 6
0111
× 7
1000
× 8
1001
× 9
1010
× 10
1011
× 11
1100
× 12
1101
× 13
1110
× 14
1111
× 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com