Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8347ECVVALFB Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVVALFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVVALFB Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVVALFB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347ECVVALFB Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
66
Freescale Semiconductor
Package and Pin Listings
GVDD
A2, E2, G5, G6, J5, K4, K5, L4, N4, P5,
R6, T6, U5, V1, W5, Y5, AA4, AB3,
AC4, AD5, AF3, AG5, AH2, AH5, AH6,
AJ6, AK6, AK8, AK9, AL6
Power for DDR
DRAM I/O
voltage
(2.5 V)
GVDD
—
LVDD1C9, D11
Power for
three-speed
Ethernet #1
and for
Ethernet
management
interface I/O
(2.5 V, 3.3 V)
LVDD1—
LVDD2
C6, D9
Power for
three-speed
Ethernet #2
I/O (2.5 V,
3.3 V)
LVDD2—
VDD
E19, E29, F7, F9, F11,F13, F15, F17,
F18, F21, F23, F25, F29, H29, J6,
K29, M29, N6, P29, T29, U30, V6,
V29, W29, AB29, AC5, AD29, AF6,
AF29, AH29, AJ8, AJ12, AJ14, AJ16,
AJ18, AJ20, AJ21, AJ23, AJ25, AJ26,
AJ27, AJ28, AJ29, AK10
Power for core
(1.2 V
nominal, 1.3 V
for 667 MHz)
VDD
—
OVDD
B22, B28, C16, C17, C24, C26, D13,
D15, D19, D29, E31, F28, G33, H30,
L29, L32, N32, P31, R31, U32, W31,
Y29, AA29, AC30, AE31, AF30, AG29,
AJ17, AJ30, AK11, AL15, AL19, AL21,
AL29, AL30, AM20, AM23, AM24,
AM26, AM28, AN11, AN13
PCI, 10/100
Ethernet, and
other standard
(3.3 V)
OVDD
—
MVREF1
M3
I
DDR
reference
voltage
—
MVREF2
AD2
I
DDR
reference
voltage
—
Table 55. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com