Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8614ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8614ART-R2
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8614ART-R2 Datasheet HTML 8Page - Analog Devices AD8614ART-R2 Datasheet HTML 9Page - Analog Devices AD8614ART-R2 Datasheet HTML 10Page - Analog Devices AD8614ART-R2 Datasheet HTML 11Page - Analog Devices AD8614ART-R2 Datasheet HTML 12Page - Analog Devices AD8614ART-R2 Datasheet HTML 13Page - Analog Devices AD8614ART-R2 Datasheet HTML 14Page - Analog Devices AD8614ART-R2 Datasheet HTML 15Page - Analog Devices AD8614ART-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8614/AD8644
Rev. B | Page 12 of 16
If gain is required from the output amplifier, four additional
resistors should be added as shown in Figure 31.
U1-A
4
5V
5V
1
10
2
3
5
AVDD1
AVDD2
LINE_OUT_L
AD1881A
(AC'97)
LINE_OUT_R
AVSS1
7
8
6
9
U1-B
U1 = AD8644
VREF
38
35
27
36
26
25
+
+
AV
= +6dB WITH VALUES SHOWN
R6
R5
=
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY.
R6
20kΩ
R5
10kΩ
C1
100µF
R3
20Ω
R1
2kΩ
R4
20Ω
R2
2kΩ
C2
100µF
R5
10kΩ
R6
20kΩ
Figure 31. A PC-99-Compliant Headphone/Speaker Amplifier with Gain
The gain of the AD8644 can be set as
5
6
R
R
A
V =
Input coupling capacitors are not required for either circuit as
the reference voltage is supplied from the AD1881A.
The resistors R4 and R5 help protect the AD8644 output in case
the output jack or headphone wires are accidentally shorted to
ground. The output coupling capacitors C1 and C2 block dc
current from the headphones and create a high-pass filter with a
corner frequency of
()
L
R
R4
C1
f
+
π
=
−
2
1
dB
3
where RL is the resistance of the headphones.
The remaining two amplifiers can be used as low voltage
microphone preamplifiers. A single AD8614 can be used as a
standalone microphone preamplifier. Figure 32 shows this
implementation.
10kΩ
21
MIC1
1kΩ
2.2kΩ
5V
5V
MIC 1
MIC 2
22
MIC2
27
+
+
VREF
AD1881A
(AC'97)
AV = 20dB
AV = 20dB
2.2kΩ
10kΩ
1µF
1kΩ
1µF
Figure 32. Microphone Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com