Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8034ARTZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8034ARTZ-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034ARTZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8034ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8034ARTZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD8033/AD8034
Rev. D | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Default conditions: VS = ±5 V, CL = 5 pF, RL = 1 kΩ, TA = 25°C.
100
0.1
1
FREQUENCY (MHz)
21
18
–9
15
12
9
6
3
0
–3
–6
24
G = +5
1000
G = +1
VOUT = 200mV p-p
G = +10
G = +2
G = –1
10
Figure 6. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
–6
1
0
–1
–2
–3
–4
–5
VS = +5V
G = +1
VOUT = 200mV p-p
VS = ±12V
VS =±5V
100
0.1
1
10
Figure 7. Small Signal Frequency Response for Various Supplies
(See Figure 44)
FREQUENCY (MHz)
2
1
–6
100
0.1
1
10
0
–1
–5
–2
–3
–4
G = +1
VOUT = 2V p-p
VS = ±12V
VS =±5V
VS = +5V
Figure 8. Large Signal Frequency Response for Various Supplies
(See Figure 44)
FREQUENCY (MHz)
100
0.1
1
10
8
7
0
6
5
1
4
3
2
VOUT = 1V p-p
VOUT = 4V p-p
VOUT = 2V p-p
VOUT = 0.2V p-p
G = +2
Figure 9. Frequency Response for Various Output Amplitudes (See Figure 45)
100
0.1
1
10
FREQUENCY (MHz)
8
7
0
6
5
1
4
3
2
VS = +5V
VS = ±12V
VS =±5V
G = +2
VOUT = 200mV p-p
Figure 10. Small Signal Frequency Response for Various Supplies
(See Figure 45)
100
0.1
1
10
FREQUENCY (MHz)
7
6
5
1
4
3
2
0
G = +2
VOUT = 2V p-p
VS = ±12V
VS =±5V
VS = +5V
Figure 11. Large Signal Frequency Response for Various Supplies
(See Figure 45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com