Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TP1
Description  Industrial Test Leads, Probes & Clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP 38 Slim Reach Test Probe Set
●
One pair (red, black) of slender probe
bodies for probing closely spaced or
recessed terminals
●
Hard stainless steel probe tips
●
Insulated Probe Tip (Designed To
Meet GS38 Specs for United Kingdom)
●
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TP80 Electronic Test Probe Set
Recommended for use with TL222
and TL224.
●
One pair (red, black)
●
IC insulated cap prevents
shortening of IC legs for
probing high density components or boards
●
CAT III 1000 V, 10 A rating. UL listed
AC220 SureGrip™ Alligator Clip Set
●
One pair (red, black) of small, insulated, nickel
plated jaws
●
Blunt tip grabs round screw heads
up to 9.5 mm
●
Recommended for use with
TL222 and TL224 test leads
●
CAT IV 600 V, CAT III 1000 V, 10
A rating. UL listed
AC280 SureGrip™ Hook Clip Set
●
One pair (red, black) of nickel plated clips
●
Profile narrows to 5.6 mm at tip, hook
opening 6.4mm at front, 2 mm at
base
●
Recommended for use with
TL222 and TL224 test leads
●
CAT IV 600 V, CAT III 1000 V,
3 A rating. UL listed
AC283 SureGrip™ Pincer Clip Set
●
One pair (red, black) of nickel plated
pincers open to 5 mm
●
11.4 cm flexible insulated shaft
●
Recommended for use with
TL222 and TL224 test leads
●
CAT IV 600 V, CAT III 1000 V,
1 A rating. UL listed
TP220 SureGrip™ Test
Probe Set
●
One pair (red, black) of
Industrial test probes
●
Sharp, 12 mm
stainless steel tip
provides reliable contact
●
Flexible finger barrier
improves grip
●
Recommended for use with
TL222 and TL224 test leads
●
CAT IV 600 V; CAT III 1000 V, 10 A rating.
UL listed
TP74 Lantern Tip Test
Probe Set
●
One pair (red, black)
●
Tips include banana-
style spring contacts
with nickel-plated
brass ends
●
CAT III 1000 V, 10 A rating. UL listed
TP1 Slim Reach Test
Probe Set
●
One pair (red, black) of
slender probe bodies for probing closely
spaced or recessed terminals
●
Hard stainless steel probe tips
●
Flat blade design to hold securely in blade
type electrical wall sockets.
●
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TP2 Slim Reach Test
Probe Set
●
One pair (red, black) of
slender probe bodies for
probing closely spaced or recessed
terminals
●
Hard stainless steel probe tips
●
2 mm diameter tip for electronics work.
Also compatible with AC72
●
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
TP4 Slim Reach Test
Probe Set
●
One pair (red, black) of
slender probe bodies for
probing closely spaced or recessed
terminals
●
Hard stainless steel probe tips
●
4 mm diameter probe tip designed to fit
securely into IEC electrical wall outlets
●
CAT IV 600 V, CAT III 1000 V, 10 A rating.
UL listed
AC285 SureGrip™ Alligator Clip Set
●
One pair (red, black) of large alligator
clips with nickel-plated steel jaws
●
Multi-purpose tooth pattern grips
anything from fine gauge wire to
a 20 mm bolt
●
Recommended for use with TL222
and TL224 test leads
●
CAT IV 600 V; CAT III 1000 V,
10 A rating. UL listed
AC87 Heavy Duty Bus Bar Clip Set
●
One pair (red, black) of flat, right
angle design for
connecting to bus
bars
●
Adjustable collar
provides 2 ranges of jaw
openings up to 30 mm
●
CAT III 600 V, 5 A rating. UL listed
AC89 Heavy Duty Insulation
Piercing Test Clip Set
●
Single probe pierces 0.25 to 1.5
mm insulated wire
●
Small pin allows self-
healing of the
insulation
●
CAT IV 600V, CAT III 1000 V, 5 A rating.
UL listed
AC72 Alligator Clip Set
●
Slide-on alligator clips (red, black) for
TL71/TL75
●
Jaws provide 8 mm
opening
●
CAT IV 600 V, CAT III
1000 V, 10 A rating.
UL listed
Industrial Test Leads,
Probes & Clips
10622-ENG Rev. 01
Modular Test Probes
(for use with Modular Test Leads)
Modular Test Probes
(for use with Modular Test Leads)
Modular Clips
(for use with Modular Test Leads)
Modular Clips
(for use with Modular Test Leads)
Push-on Clip
(for use with TL71 and TL75 Test Lead Sets)
All accessories have a one year warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com