Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP79400 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP79400
Description  I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79400 Datasheet(HTML) 2 Page - Microchip Technology

  MCP79400 Datasheet HTML 1Page - Microchip Technology MCP79400 Datasheet HTML 2Page - Microchip Technology MCP79400 Datasheet HTML 3Page - Microchip Technology MCP79400 Datasheet HTML 4Page - Microchip Technology MCP79400 Datasheet HTML 5Page - Microchip Technology MCP79400 Datasheet HTML 6Page - Microchip Technology MCP79400 Datasheet HTML 7Page - Microchip Technology MCP79400 Datasheet HTML 8Page - Microchip Technology MCP79400 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
MCP7940X
DS25009C-page 2
 2011 Microchip Technology Inc.
FIGURE 1-1:
TYPICAL OPERATING
CIRCUIT
FIGURE 1-2:
SCHEMATIC
X1
X2
VBAT
VSS
VCC
MFP
SCL
SDA
RTCC
SRAM
Time-Stamp/
Alarms
ID
I2C™
VBAT Switch
X1
X2
VBAT
VSS
VCC
MFP
SCL
SDA
SYSTEM VCC
C1
Note 1
R1
R2
CX1
CX2
X1
C2
R4
D1
BAT
Suggested Values:
C1
CX1, CX2
C2
R1
R2,3
R4
D1
BAT
X1
100nF
See Text
100pF
10K
2.2K
1K
Schottky
Backup Supply
32.768 kHz Crystal
(See Text)
MFP
SCL
SDA
Note 1: A 100nF Capacitor should be placed as close to the Vcc pin on the device
as possible.
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com