Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1108 Datasheet(PDF) 2 Page - ams AG

Part # AS1108
Description  4-Digi t LED Display Dr iver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 2 Page - ams AG

  AS1108 Datasheet HTML 1Page - ams AG AS1108 Datasheet HTML 2Page - ams AG AS1108 Datasheet HTML 3Page - ams AG AS1108 Datasheet HTML 4Page - ams AG AS1108 Datasheet HTML 5Page - ams AG AS1108 Datasheet HTML 6Page - ams AG AS1108 Datasheet HTML 7Page - ams AG AS1108 Datasheet HTML 8Page - ams AG AS1108 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
A S 11 0 8
4 - D i g i t L E D D i s p l a y D r i v e r
www.austriamicrosystems.com/LED-Driver-ICs/AS1108
Revision 2.13
1 - 20
D a ta s h e e t
1 General Description
The AS1108 is a compact display driver for 7-segment
numeric displays of up to 4 digits. The device can be
programmed via SPI, QSPI, and Microwire as well as a
conventional 4-wire serial interface.
The device includes an integrated BCD code-B/HEX
decoder, multiplex scan circuitry, segment and display
drivers, and a 32-bit memory. Internal memory stores
the LED settings, eliminating the need for continuous
device reprogramming.
Every segment can be individually addressed and
updated separately. Only one external resistor (RSET) is
required to set the current through the LED display. LED
brightness can be controlled by analog or digital means.
The device can be programmed to use the internal
code-B/HEX decoder to display numeric digits or to
directly address each segment.
The AS1108 features an extremely low shutdown cur-
rent of typically 3µA, and an operational current of less
than 500µA. The number of digits can be programmed,
the device can be reset by software, and an external
clock is also supported. Additionally, segment blinking
can be synchronized across multiple drivers.
The AS1108 provides several test modes for easy appli-
cation debugging.
The device is available in a SOIC 20-pin package.
Figure 1. AS1108 - Typical Application Diagram
2 Key Features
10MHz SPI-, QSPI-, Microwire-Compatible
Serial I/O
Individual LED Segment Control
Segment Blinking Control (can be synchronized
across multiple drivers)
Hexadecimal- or BCD-Code/No-Decode
Digit Selection
3µA Low-Power Shutdown Current (typ;
data retained)
Extremely Low Operating Current 0.5mA in
Open-Loop
Digital and Analog Brightness Control
Display Blanked on Power-Up
Drive Common-Cathode LED Displays
Supply Voltage Range: +2.7 to +5.5V
Software Reset
Optional External Clock
SOIC 20-pin package
3 Applications
The AS1108 is ideal for bar-graph displays, instrument-
panel meters, LED matrix displays, dot matrix displays,
set-top boxes, white goods, professional audio equip-
ment, medical equipment, industrial controllers and
panel meters.
AS1108
4-Digit Microprocessor Display
DIG0 to
DIG3
SEG A to G
SEP DP
4 Digits
8 Segments
I/O
I/O
SCK
VDD
ISET
DIN
CLK
GND
GND
LOAD/CSN
+5V
9.53k
Micro-
processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com