Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS2700LCC Datasheet(PDF) 2 Page - API Technologies Corp

Part # HS2700LCC
Description  Carrier Precision Voltage References JEDEC- Compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS2700LCC Datasheet(HTML) 2 Page - API Technologies Corp

  HS2700LCC Datasheet HTML 1Page - API Technologies Corp HS2700LCC Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GND SENSE
HC2700LCC
HC2702LCC
REF GND
– IN
+IN
+10V REF
OUTPUT
V o SENSE
V o FORCE
+15V
+15V SUPPLY
PW R
GRD
10k
V oa
ZENER
GND
V z
11
10
9
8
7
6
5
4
3
2
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
HC2701LCC
REM OTE OUTPUT A PPLICA TION
28 PIN LCC PA CK A GE
– 15V SUPPLY
* Use a multi-turn low TC potentiometer
TOP V IEW
BOTTOM V IEW
11
10
9
8
7
6
5
– IN
+IN
4
3
2
1
28
27
26
18
17
16
15
14
13
12
25
24
23
22
21
20
19
+15V SUPPLY
– 15V SUPPLY
10k
+IN
– V oa
GND SENSE
REF GND
+10V REF
OUTPUT
V o SENSE
V o
FORCE
V oa
10k
PW R
GND
+15V
+15V
SUPPLY
ZENER
GND
V z
+10V REF
OUTPUT
V o SENSE
V o FORCE
– IN
+10V INPUT
PW R
GRD
10k
GND
SENSE
REF GND
ZENER
GND
V z
V o SENSE
+10V REF
OUTPUT
V o FORCE
– IN
PW R GRD
– V oa
GND SENSE
GND FORCE
+IN
V o
SENSE
28
27
1
3
4
19
24
25
22
23
V OUT SENSE
V OUT SENSE
10k
.01µf
+15V
SUPPLY
REM OTE
LOA D
LOA D
+10V OUT
REF
INPUT
GND
.01µf
.01µf
.01µf
.01µf
.01µf
.448 + .010 – .006
(11.379 + .254 – .1524)
SQ.
.404
(10.262)
SQ.
.330
(8.382)
SQ.
19
25
11
5
1
.080 ± .005
(1.524 ± .152)
.040
(1.016)
.050
(1.270)
.025
(.635)
TY P.
TY P.
.005 RA D.
(.203) TY P.
x 45 REF
TY P.3
.300
(7.52)
TY P.
.085 ± .008
(2.180 ± .200)
.020
(.508)
x 45 REF
.050
(1.270)
REF TY P.
HC2700LCC
PACKAG E PIN O U TS AN D CO N N ECTIO N D IAG RAMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com