Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP606 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 2 Page - Microchip Technology

  MCP606 Datasheet HTML 1Page - Microchip Technology MCP606 Datasheet HTML 2Page - Microchip Technology MCP606 Datasheet HTML 3Page - Microchip Technology MCP606 Datasheet HTML 4Page - Microchip Technology MCP606 Datasheet HTML 5Page - Microchip Technology MCP606 Datasheet HTML 6Page - Microchip Technology MCP606 Datasheet HTML 7Page - Microchip Technology MCP606 Datasheet HTML 8Page - Microchip Technology MCP606 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP606/7/8/9
DS11177E-page 2
© 2008 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Input Pins ....................................................±2 mA
Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current .................................Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.................................. –65° C to +150° C
Maximum Junction Temperature (TJ) .........................+150° C
ESD Protection On All Pins (HBM; MM)
.............. ≥ 3 kV; 200V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, V
DD = +2.5V to +5.5V, VSS =GND, TA =+25°C, VCM =VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 100 kΩ to VL, and CS is tied low (refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
V
OS
-250
+250
µV
Input Offset Drift with Temperature
ΔV
OS/ΔT
A
—±1.8
µV/°C TA = -40°C to +85°C
Power Supply Rejection Ratio
PSRR
80
93
dB
Input Bias Current and Impedance
Input Bias Current
IB
—1
pA
At Temperature
IB
——80
pA
TA = +85°C
Input Offset Bias Current
IOS
—1
pA
Common Mode Input Impedance
ZCM
—1013||6
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
Ω||pF
Common Mode
Common Mode Input Range
VCMR
VSS –0.3
VDD – 1.1
V
CMRR
≥ 75 dB
Common Mode Rejection Ratio
CMRR
75
91
dB
VDD = 5V, VCM = -0.3V to 3.9V
Open-Loop Gain
DC Open-Loop Gain
(Large-signal)
AOL
105
121
dB
RL = 25 kΩ to VL,
VOUT = 50 mV to VDD –50 mV
DC Open-Loop Gain
(Large-signal)
AOL
100
118
dB
RL = 5 kΩ to VL,
VOUT = 0.1V to VDD –0.1V
Output
Maximum Output Voltage Swing
VOL, VOH
VSS +15
VDD –20
mV
RL = 25 kΩ to VL,
0.5V input overdrive
VOL, VOH
VSS +45
VDD –60
mV
RL = 5 kΩ to VL,
0.5V input overdrive
Linear Output Voltage Range
VOUT
VSS +50
VDD –50
mV
RL = 25 kΩ to VL,
AOL ≥ 105 dB
VOUT
VSS +100
VDD – 100
mV
RL = 5 kΩ to VL,
AOL ≥ 100 dB
Output Short Circuit Current
ISC
—7
mA
VDD = 2.5V
ISC
—17
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
2.5
6.0
V
Quiescent Current per Amplifier
IQ
18.7
25
µA
IO = 0
Note 1:
All parts with date codes November 2007 and later have been screened to ensure operation at VDD = 6.0V. However,
the other minimum and maximum specifications are measured at 2.5V and 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com