Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PD720201 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 4Page - Renesas Technology Corp PD720201 Datasheet HTML 5Page - Renesas Technology Corp PD720201 Datasheet HTML 6Page - Renesas Technology Corp PD720201 Datasheet HTML 7Page - Renesas Technology Corp PD720201 Datasheet HTML 8Page - Renesas Technology Corp PD720201 Datasheet HTML 9Page - Renesas Technology Corp PD720201 Datasheet HTML 10Page - Renesas Technology Corp PD720201 Datasheet HTML 11Page - Renesas Technology Corp PD720201 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
μPD720201/μPD720202
2. PIN FUNCTION
R19DS0047EJ0500 Rev. 5.00
Page 8 of 40
Jan. 17, 2013
2.3.1
System Interface signal
Table 2-4.
System Interface Signal
Pin Name
720201
Pin No.
720202
Pin No.
I/O
Type
Active
Level
Function
PONRSTB
14
11
I
(3.3 V
Schmitt
Input)
Low
Power on reset signal. When supporting wakeup
from D3cold, this signal should be pulled high
with system auxiliary power supply.
SMIB
1
46
O
(Open
Drain)
Low
System management Interrupt signal. This is
controlled
with
the
USB
Legacy
Support
Control/Status register. Refer to the User’s
Manual.
2.3.2
PCI Express Interface
Table 2-5.
PCI Express Interface
Pin Name
720201
Pin No.
720202
Pin No.
I/O
Type
Active
Level
Function
PECLKP
4
1
I
(PCIE)
PCI Express 100 MHz Reference Clock.
PECLKN
5
2
I
(PCIE)
PCI Express 100 MHz Reference Clock.
PETXP
7
4
O
(PCIE)
PCI Express Transmit Data+.
PETXN
8
5
O
(PCIE)
PCI Express Transmit Data-.
PERXP
10
7
I
(PCIE)
PCI Express Receive Data+.
PERXN
11
8
I
(PCIE)
PCI Express Receive Data-.
PERSTB
2
47
I
(3.3 V
Input)
Low
PCI Express “PERST#” signal.
PEWAKEB
3
48
O
(Open
Drain)
Low
PCI Express “WAKE#” signal. This signal is used
for remote wakeup mechanism, and requests the
recovery of power and reference clock input.
PECREQB
13
10
O
(Open
Drain)
Low
PCI Express “CLKREQ#” signal. This signal is
used to request run/stop of reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com