Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3930 Datasheet(PDF) 4 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 4 Page - ams AG

  AS3930 Datasheet HTML 1Page - ams AG AS3930 Datasheet HTML 2Page - ams AG AS3930 Datasheet HTML 3Page - ams AG AS3930 Datasheet HTML 4Page - ams AG AS3930 Datasheet HTML 5Page - ams AG AS3930 Datasheet HTML 6Page - ams AG AS3930 Datasheet HTML 7Page - ams AG AS3930 Datasheet HTML 8Page - ams AG AS3930 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
4 - 32
AS3930
Datasheet - Pin Assignm ents
4 Pin Assignments
4.1 16-pin TSSOP
Figure 4. TSSOP Pin Assignments (Top View)
4.1.1 Pin Descriptions
Table 1. 16-pin TSSOP Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1CS
Digital input
Chip select
2
SCL
SDI interface clock
3
SDI
SDI data input
4
SDO
Digital output / tristate
SDI data output (tristate when CS is low)
5VCC
Supply pad
Positive supply voltage
6
GND
Negative supply voltage
7NC
-
Not Connected
8NC
9LF1P
Analog I/O
Input antenna
10
LFN
Antenna ground
11
XIN
Crystal oscillator input
12
XOUT
Crystal oscillator output
13
VSS
Supply pad
Substrate
14
WAKE
Digital output
Wake-up output IRQ
15
DAT
Data output
16
NC
-
Not Connected
SCL
SDI
SDO
VCC
GND
NC
DAT
WAKE
VSS
XOUT
XIN
LFN
CS
NC
NC
LF1P
1
2
3
4
5
6
7
8
12
16
15
14
13
11
10
9
AS3930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com