Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3932 Datasheet(PDF) 1 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 1 Page - ams AG

  AS3932_07 Datasheet HTML 1Page - ams AG AS3932_07 Datasheet HTML 2Page - ams AG AS3932_07 Datasheet HTML 3Page - ams AG AS3932_07 Datasheet HTML 4Page - ams AG AS3932_07 Datasheet HTML 5Page - ams AG AS3932_07 Datasheet HTML 6Page - ams AG AS3932_07 Datasheet HTML 7Page - ams AG AS3932_07 Datasheet HTML 8Page - ams AG AS3932_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
AS3932
3D Low Frequency Wakeup Receiver
www.ams.com/LF-Receiver/AS3932
Revision 1.7
1 - 34
1 General Description
The AS3932 is a 3-channel low power ASK receiver that is able to
generate a wake-up upon detection of a data signal which uses a LF
carrier frequency between 110 - 150 kHz. The integrated correlator
can be used for detection of a programmable 16-bit wake-up pattern.
The device can operate using one, two, or three active channels.
The AS3932 provides a digital RSSI value for each active channel, it
supports a programmable data rate. The AS3932 offers a real-time
clock (RTC), which is either derived from a crystal oscillator or the
internal RC oscillator.
The programmable features of AS3932 enable to optimize its
settings for achieving a longer distance while retaining a reliable
wake-up generation. The sensitivity level of AS3932 can be adjusted
in presence of a strong field or in noisy environments.
The device is available in 16-pin TSSOP and 16LD QFN (4x4)
packages.
2 Key Features

3-channel ASK wake-up receiver

Carrier frequency range 110 - 150 kHz

One, two, or three channel operation

Reliable 1-D, 2-D or 3-D wake-up pattern detection

Programmable wake-up pattern (16bits)

Doubling of wake-up pattern supported

Wake-up without pattern detection supported

Wake-up sensitivity 100 µVRMS (typ.)

Adjustable sensitivity level

Highly resistant to false wake-ups

False wake-up counter

Periodical forced wake-up supported (1s – 2h)

Low power listening modes

Current consumption in 3-channel listening mode 1.7 µA (typ.)

Programmable data-rate 0.5 – 4 kbaud (Manchester encoded)

Digital RSSI values available for each channel

Dynamic range 64dB

5 bit RSSI step (2dB per step)

RTC based on 32kHz XTAL, RC-OSC, or External Clock

Operating temperature range -40ºC to +85ºC

Operating supply voltage 2.4V – 3.6V (TA = 25ºC)

Bidirectional serial digital interface (SDI)

Package option: 16-pin TSSOP, 16LD QFN (4x4)
3 Applications
The AS3932 is ideal for Active RFID tags, Real-time location
systems, Operator identification, Access control, and Wireless
sensors.


Similar Part No. - AS3932_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3932-BQFT AMSCO-AS3932-BQFT Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
AS3932-BTST AMSCO-AS3932-BTST Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
More results

Similar Description - AS3932_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3931 AMSCO-AS3931 Datasheet
60Kb / 2P
3D Low Power Wake-up Receiver
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
logo
Texas Instruments
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
logo
ams AG
AS3930 AMSCO-AS3930_07 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
Sciosense B.V.
AS3930 SCIOSENSE-AS3930 Datasheet
913Kb / 44P
Single Channel Low Frequency Wakeup Receiver
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
AS3933 SCIOSENSE-AS3933 Datasheet
391Kb / 7P
LF Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com