Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3953A-BDFM Datasheet(PDF) 21 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 21 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 17Page - ams AG AS3953A-BDFM Datasheet HTML 18Page - ams AG AS3953A-BDFM Datasheet HTML 19Page - ams AG AS3953A-BDFM Datasheet HTML 20Page - ams AG AS3953A-BDFM Datasheet HTML 21Page - ams AG AS3953A-BDFM Datasheet HTML 22Page - ams AG AS3953A-BDFM Datasheet HTML 23Page - ams AG AS3953A-BDFM Datasheet HTML 24Page - ams AG AS3953A-BDFM Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
www.ams.com
Revision 1.0
21 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7.9.4 OTP Words
Write and Read Lock Words are OTP (One Time Programmable). This means that once they are set to ‘1’, they cannot be reset back to ‘0’. Since
setting of OTP bits is an irreversible operation, it is strongly recommended to perform it in controlled environment.
7.9.5 Write Lock Word
The Write Lock Word contains write lock bits. Each EEPROM word has a corresponding lock bit in the Write Lock Word. Once a certain lock bit
is set to ‘1’, the content of corresponding word cannot be modified any more (it becomes read only), EEPROM write commands issued either
through PICC interface or through SPI interface are rejected. The lock bit of a certain number protects the word with the same number (e.g.
b5 of
lock word protects word 5). Since lock bits are OTP they cannot be reset back to ‘0’ once they are set to ‘1’.Therefore once a certain word is
locked it cannot be unlocked any more. The lock bits for page 0 is “don’t care” since word 0 is always read only. Please note that setting lock bit
b2 locks the Lock Word itself, therefore once this bit is set the lock configuration cannot be modified any more.
7.9.6 Read Lock Word
The Read Lock Word contains read lock bits. Each EEPROM word has a corresponding lock bit in the Read Lock Word. Once a certain lock bit
is set to ‘1’, the content of corresponding word cannot be read through PICC interface, it can only be read through SPI interface. The lock bit of a
certain number protects the word with the same number (e.g.
b5 of lock word protects word 5). Since lock bits are OTP they cannot be reset back
to ‘0’ once they are set to ‘1’. Therefore once a certain word is locked it cannot be unlocked any more. The lock bits for pages 0 to 4 are “don’t
care”; these pages can be read through PICC interface even in case their corresponding lock bits are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com