Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5134-ZSST Datasheet(PDF) 5 Page - ams AG

Part # AS5134-ZSST
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134-ZSST Datasheet(HTML) 5 Page - ams AG

  AS5134-ZSST Datasheet HTML 1Page - ams AG AS5134-ZSST Datasheet HTML 2Page - ams AG AS5134-ZSST Datasheet HTML 3Page - ams AG AS5134-ZSST Datasheet HTML 4Page - ams AG AS5134-ZSST Datasheet HTML 5Page - ams AG AS5134-ZSST Datasheet HTML 6Page - ams AG AS5134-ZSST Datasheet HTML 7Page - ams AG AS5134-ZSST Datasheet HTML 8Page - ams AG AS5134-ZSST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
4 - 32
AS5134
Datasheet - Absolute Maximum Rat i ngs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 5 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
Supply voltage (VDD)
-0.3
7
V
Except during OTP programming
Input Pin Voltage (VIN)
VSS-0.5
VDD
V
Input Current (latch up immunity), (Iscr)
-100
100
mA
Norm: EIA/JESD78 ClassII Level A
Electrostatic Discharge
ESD
±2
kV
Norm: JESD22-A114E
Temperature Ranges and Storage Conditions
Storage Temperature (Tstrg)
-55
150
ºC
Body temperature, (Tbody)
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level (MSL)
3
Represents a maximum floor time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com