Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5311 Datasheet(PDF) 14 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 14 Page - ams AG

Back Button AS5311_07 Datasheet HTML 10Page - ams AG AS5311_07 Datasheet HTML 11Page - ams AG AS5311_07 Datasheet HTML 12Page - ams AG AS5311_07 Datasheet HTML 13Page - ams AG AS5311_07 Datasheet HTML 14Page - ams AG AS5311_07 Datasheet HTML 15Page - ams AG AS5311_07 Datasheet HTML 16Page - ams AG AS5311_07 Datasheet HTML 17Page - ams AG AS5311_07 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
14 - 29
AS5311
Datasheet - D e t a il e d D es c r i pt io n
Data D11:D0 is valid, when the status bits have the following configurations:
*MagInc=MagDec=1 is only recommended in YELLOW mode (see Table 13).
7.4 Absolute Output Jitter and Hysteresis
Note:
There is no hysteresis or additional filtering at the absolute output. This allows a determination of the magnet’s absolute position within
one pole pair down to submicron range.
Due to the intentionally omitted hysteresis and due to noise (e.g. from weak magnetic fields), the absolute output may jitter when the magnet is
stationary over the chip. In order to get a stable 12-bit absolute reading, two common methods may be implemented to reduce the jitter.
7.4.1 Adding a Digital Hysteresis
The hysteresis feature of the incremental outputs is described in Incremental Output Hysteresis. An equivalent function can be implemented in
the software of the external microcontroller. The hysteresis should be larger than the peak-to-peak noise (=jitter) of the absolute output in order
to mask it and create a stable output reading.
Note:
The 2-bit hysteresis on the incremental output (=3.9µm) is equivalent to a hysteresis of 8LSB on the absolute output.
7.4.2 Implementing Digital Filtering
Another useful alternative or additional method to reduce jitter is digital filtering. This can be accomplished simply by averaging, for example a
moving average calculation in the external microcontroller. Averaging 4 readings results in 6dB (=50%) noise and jitter reduction. An average of
16 readings reduces the jitter by a factor of 4.
Averaging causes additional latency of the processed data. Therefore it may be useful to adjust the depth of averaging depending on speed of
travel. For example using a larger depth when the magnet is stationary and reducing the depth when the magnet is in motion.
7.5 Z-axis Range Indication (“Red/Yellow/Green” Indicator)
The AS5311 provides several options of detecting the magnet distance by indicating the strength of the magnetic field. The signal indicator pins
MagINCn and MagDECn are available as hardware pins (pins 2 and 3) and display the “Red/Yellow/Green Range”.
Additionally, the serial data stream (see Figure 6) offers the MagINC, MagDEC and LIN status bits. The LIN status bit indicates the non-
recommended “red” range. The MAGnitude register provides additional information about the strength of the magnetic field (see Figure 7). For Z-
axis Range Indication only M11:M4 of the magnitude are used.
The digital status bits MagINC, MagDec, LIN and the hardware pins MagINCn, MagDECn have the following function:
Table 12. Status Bit Outputs
OCF
COF
LIN
MagINC
MagDEC
Parity
10
0
00
Even checksum of bits 1:17
01
10
1*
1*
Table 13. Magnetic Field Strength Red-Yellow-Green Indicators
Status Bits
MAG
Hardware Pins
1
MagINC MagDEC
LIN
M11…M4 MagINCn MagDECn
Description
0
0
0
3F hex
Off
Off
No distance change
Magnetic input field OK (GREEN range, ~10…40mT peak amplitude)
0
1
0
3F hex
Off
Off
Distance increase; this state is a dynamic state and only active while the
magnet is moving away from the chip. Magnitude register may change but
regulates back to 3F hex.
1
0
0
3F hex
Off
Off
Distance decrease; this state is a dynamic state and only active while the
magnet is moving towards the chip. Magnitude register may change but
regulates back to 3F hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com