Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8510 Datasheet(PDF) 9 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 9 Page - ams AG

Back Button AS8510 Datasheet HTML 5Page - ams AG AS8510 Datasheet HTML 6Page - ams AG AS8510 Datasheet HTML 7Page - ams AG AS8510 Datasheet HTML 8Page - ams AG AS8510 Datasheet HTML 9Page - ams AG AS8510 Datasheet HTML 10Page - ams AG AS8510 Datasheet HTML 11Page - ams AG AS8510 Datasheet HTML 12Page - ams AG AS8510 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
8 - 46
AS8510
Datasheet - Electrical Character i s t ics
Table 7. SDO Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
Isource = 8mA
2.5
V
VOL
Low level output voltage
Isink = 8mA
0.4
V
Io
Output Current
8
mA
Table 8. CHOP_CLK Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
Io
Output Current
4
mA
Table 9. CLK I/O with Input Schmitt Trigger and Output Buffer
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
DVDD = 3.3V
2.4
V
VIL
Low level input voltage
DVDD = 3.3V
1.0
V
ILEAK
Input leakage current
-1
+1
µA
IPD
Pull down current
CLK pulled to DVSS
10
100
µA
Io
Output Current
4
mA
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
Table 10. SCLK with Input Schmitt Trigger
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
DVDD = 3.3V
2.4
V
VIL
Low level input voltage
DVDD = 3.3V
1.0
V
ILEAK
Input leakage current
-1
+1
µA
Table 11. MEN Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
IO
Output Current
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com