Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

73821 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 73821
Description  Statshield Smocks Grounding, Testing and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73821 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  73821 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73821 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73821 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73821 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Installation
Follow the directions below for proper installation and
grounding of the Statshield® smock.
1. Put on the smock and fasten all of the snaps on the front
of the smock, making sure that clothing is not exposed
outside of the smock.
2. Throughout use, it is essential that conductive cuff (or the
wristband) be in contact with operator’s skin; the
conductive cuff (or the wristband) should never be
allowed to be pulled up and over shirt sleeve.
3. Install a coil cord to the snap stud located above the left
hand hip pocket. Connect the other end of the coil cord
to a verified ground point or continuous monitor.
Grounding Integrity Testing
For daily testing or continuous monitoring of the grounding
integrity of Statshield® smocks and ground cords, we
recommend testing the smock while worn and the use of
a standard wrist strap testers or single-wire workstation
continuous monitors. Panel-to-panel conductivity is essential
so as not to leave portions of the smock as isolated charged
conductors. Panel-to-panel conductivity is easy to test using
our Surface Resistance Meter Kit Item #
19787. Place the
two five-pound electrodes on different panels to test. Unless
properly grounded, the smocks can hold a charge and
become a possible source for discharge to ESD sensitive
items. For additional information, refer to ANSI/ESD S20.20,
ESD TR20.20, ESD TR53 and the Garment Standard,
ANSI/ESD STM2.1. Desco has several testers available
for this purpose. For more information ask for specification
drawings or operating instruction manuals by item number.
TB-2055 Page 3 of 4
© 2013 DESCO INDUSTRIES INC.
Employee Owned
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
Figure 5. Testing and monitoring of smock and ground
cord assembly
YES!
YES!
NO!
NO!
Figure 3. Proper installation of smock wearer’s body
Figure 4. Grounding the smock
Figure 6. Testers
NOTE: ANSI/ESD S20.20 RECOMMENDS THAT THE
GROUND COIL CORD SELECTED FOR GROUNDING OF
PERSONNEL CONTAIN A BUILT-IN CURRENT LIMITING
1 MEGOHM RESISTOR.
Heat Sealed Patches
It is possible to heat seal patches to our smocks. The patch
should be small and the smock should be tested before and
after application.
19276 & 19277
19784
19787



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com