Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JBXFD1G05MCSDSR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSR
Description  High reliability where quick, simple coupling mechanism is required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JBXFD1G05MCSDSR Datasheet HTML 1Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSR Datasheet HTML 2Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSR Datasheet HTML 3Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.souriau.com
JBX
Push Pull
✓
✓
✓
✓
JBX Push Pull
JBX Push Pull
High reliability where quick, simple coupling mechanism is required
Secure, quick confirmed mating
Tactile, Audible, Visual
Blind mate capability
A versatile product
Space Saving
Mechanically keyed - prevents accidental
engagement of wrong connector
* Ergonomic design, fast and easy to use
* Modular design
* 5 shell sizes
* Solder, crimp, PCB, R/A PCB contact terminations
* Small footprint, allows access in tight
applications
* High density layouts 2 - 30 pins
✓
Economical
Multiple cable collets / single part number
✓
Rugged
Metal shielding housing, high vibration and
shock environments


Similar Part No. - JBXFD1G05MCSDSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JBXFD1G05MCSDSMR ETC2-JBXFD1G05MCSDSMR Datasheet
4Mb / 44P
Sealed and Unsealed Push-Pull Connectors
More results

Similar Description - JBXFD1G05MCSDSR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV PANASONIC-ECQV Datasheet
245Kb / 9P
Designed for application where high density insertion of components is required.
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
logo
List of Unclassifed Man...
VL-EPHS-B1 ETC2-VL-EPHS-B1 Datasheet
797Kb / 2P
The VL-EPHs-B1 is designed to support OEM applications where high reliability and long-term availability are required.
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
Bayonet coupling mechanism provides quick mating and unmating
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
Quick coupling
7/21/22
3717812 FESTO-3717812 Datasheet
77Kb / 1P
Quick coupling
3717923 FESTO-3717923 Datasheet
78Kb / 1P
Quick coupling
4820335 FESTO-4820335 Datasheet
84Kb / 1P
Quick coupling
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com