Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45DB321 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB321
Description  32-Megabit 2.7-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB321 Datasheet HTML 1Page - ATMEL Corporation AT45DB321 Datasheet HTML 2Page - ATMEL Corporation AT45DB321 Datasheet HTML 3Page - ATMEL Corporation AT45DB321 Datasheet HTML 4Page - ATMEL Corporation AT45DB321 Datasheet HTML 5Page - ATMEL Corporation AT45DB321 Datasheet HTML 6Page - ATMEL Corporation AT45DB321 Datasheet HTML 7Page - ATMEL Corporation AT45DB321 Datasheet HTML 8Page - ATMEL Corporation AT45DB321 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
32-Megabit
2.7-volt Only
Serial
DataFlash
®
AT45DB321
Preliminary
Features
Single 2.7V - 3.6V Supply
Serial Interface Architecture
Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 8192 Pages (528 Bytes/Page) Main Memory
Optional Page and Block Erase Operations
Two 528-Byte SRAM Data Buffers – Allows Receiving of Data while Reprogramming of
Nonvolatile Memory
Internal Program and Control Timer
Fast Page Program Time – 7 ms Typical
120
µµµµs Typical Page to Buffer Transfer Time
Low-Power Dissipation
– 4 mA Active Read Current Typical
–3
µµµµA CMOS Standby Current Typical
13 MHz Max Clock Frequency
Hardware Data Protection Feature
Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT45DB321 is a 2.7-volt only, serial interface Flash memory suitable for in-sys-
tem reprogramming. Its 34,603,008 bits of memory are organized as 8192 pages of
528 bytes each. In addition to the main memory, the AT45DB321 also contains two
SRAM data buffers of 528 bytes each. The buffers allow receiving of data while a
page in the main memory is being reprogrammed. Unlike conventional Flash memo-
Rev. 1121A–09/98
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
(continued)
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RDY/BUSY
RESET
WP
NC
NC
NC
VCC
GND
NC
NC
NC
NC
CS
SCK
SI
SO
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
CBGA Top View Through Package
A
B
C
D
E
1
2345
NC
NC
NC
NC
NC
VCC
WP
RESET
NC
NC
GND
RDY/BSY
SI
NC
NC
SCK
CS
SO
NC
NC
NC
NC
NC
NC
AT45DB321
Preliminary 16-
Megabit 2.7-volt
Only Serial
DataFlash


Similar Part No. - AT45DB321

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DB321B-CC ATMEL-AT45DB321B-CC Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321B-CI ATMEL-AT45DB321B-CI Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321B-RC ATMEL-AT45DB321B-RC Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
More results

Similar Description - AT45DB321

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
16-megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com