Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT89S53 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89S53
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89S53 Datasheet HTML 17Page - ATMEL Corporation AT89S53 Datasheet HTML 18Page - ATMEL Corporation AT89S53 Datasheet HTML 19Page - ATMEL Corporation AT89S53 Datasheet HTML 20Page - ATMEL Corporation AT89S53 Datasheet HTML 21Page - ATMEL Corporation AT89S53 Datasheet HTML 22Page - ATMEL Corporation AT89S53 Datasheet HTML 23Page - ATMEL Corporation AT89S53 Datasheet HTML 24Page - ATMEL Corporation AT89S53 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AT89S53
4-237
Flash Parallel Programming Modes
Notes:
1. “h” = weakly pulled “High” internally.
2. Chip Erase and Serial Programming Fuse require a 10-ms PROG pulse. Chip Erase needs to be performed first before
reprogramming any byte with a content other than FFH.
3. P3.4 is pulled Low during programming to indicate RDY/BSY.
4. “X” = don’t care
Mode
RST
PSEN
ALE/PROG
EA/VPP
P2.6
P2.7
P3.6
P3.7
Data I/O
P0.7:0
Address
P2.5:0 P1.7:0
Serial Prog. Modes
H
h (1)
h (1)
x
Chip Erase
H
L
12V
H
L
L
L
X
X
Write (12K bytes) Memory
H
L
12V
L
H
H
H
DIN
ADDR
Read (12K bytes) Memory
H
L
H
12V
L
L
H
H
DOUT
ADDR
Write Lock Bits:
H
L
12V
H
L
H
L
DIN
X
Bit - 1
P0.7 = 0
X
Bit - 2
P0.6 = 0
X
Bit - 3
P0.5 = 0
X
Read Lock Bits:
H
L
H
12V
H
H
L
L
DOUT
X
Bit - 1
@P0.2
X
Bit - 2
@P0.1
X
Bit - 3
@P0.0
X
Read Atmel Code
H
L
H
12V
L
L
L
L
DOUT
30H
Read Device Code
H
L
H
12V
L
L
L
L
DOUT
31H
Serial Prog. Enable
H
L
12V
L
H
L
H
P0.0 = 0
X
Serial Prog. Disable
H
L
12V
L
H
L
H
P0.0 = 1
X
Read Serial Prog. Fuse
H
L
H
12V
H
H
L
H
@P0.0
X
(2)
(2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com