Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD1845 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1845 Datasheet HTML 17Page - Analog Devices AD1845 Datasheet HTML 18Page - Analog Devices AD1845 Datasheet HTML 19Page - Analog Devices AD1845 Datasheet HTML 20Page - Analog Devices AD1845 Datasheet HTML 21Page - Analog Devices AD1845 Datasheet HTML 22Page - Analog Devices AD1845 Datasheet HTML 23Page - Analog Devices AD1845 Datasheet HTML 24Page - Analog Devices AD1845 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD1845
–21–
REV. C
XCTL1:0
External Control. The state of these bits is reflected on the XCTL1:0 pins of the AD1845.
0
Logic LO on XCTL1:0 pins
1
Logic HI on XCTL1:0 pins
This register’s initial state after reset is “00xx xx00.”
Test and Initialization Register (IXA3:0 = 11)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
11
COR
PUR
ACI
DRS
ORR1
ORR0
ORL1
ORL0
ORL1:0
Overrange Left Detect. These bits indicate the overrange on the left capture channel. These bits change on
a sample-by-sample basis, and are read-only.
ORL1
ORL0
0
0
Less than –1 dB underrange
0
1
Between –1 dB and 0 dB underrange
1
0
Between 0 dB and +1 dB overrange
1
1
Greater than +1 dB overrange
ORR1:0
Overrange Right Detect. These bits indicate the overrange on the right capture channel. These bits change
on a sample-by-sample basis, and are read-only.
ORR1
ORR0
0
0
Less than –1 dB underrange
0
1
Between –1 dB and 0 dB underrange
1
0
Between 0 dB and +1 dB overrange
1
1
Greater than +1 dB overrange
DRS
Data Request Status. This bit indicates the current status of the PDRQ and CDRQ pins of the AD1845.
0
CDRQ and PDRQ are presently inactive (LO)
1
CDRQ or PDRQ are presently active (HI)
ACI
Autocalibrate-In-Progress. This bit indicates the state of autocalibration or a recent exit from Mode Change
Enable (MCE). This bit is read-only.
0
Autocalibration is not in progress
1
Autocalibration is in progress or MCE was exited within the last 128 sample periods
PUR
Playback Underrun. This bit is set when the playback FIFO is empty and after the next valid sample has been
played back. If this condition exists, DACZ determines the DAC playback value. In MODE1, DACZ is always set
and returns a midscale value.
COR
Capture Overrun. This bit is set when the capture FIFO is full and an additional sample has been captured. The
sample being read will not be overwritten by the new sample. The new sample will be ignored. This bit changes on
a sample by sample basis.
The occurrence of a PUR and/or COR is designated in the Status Register’s Sample Overrun/Underrun (SOUR) bit. The SOUR bit
is the logical OR of the COR and PUR bits. This enables a polling host CPU to detect an overrun/underrun condition while check-
ing other status bits.
This register’s initial state after reset is “0000 0000.”
Miscellaneous Control Register (IXA3:0 = 12)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
12
MID
MODE2
res
BUF8
ID3
ID2
ID1
ID0
ID3:0
AD1845 Revision ID. These four bits define the revision level of the AD1845. The AD1845 will have ID =
“1010.” These bits are read-only.
BUF8
Parallel Interface Bus Transceiver Current Buffer Drive. The AD1845 can be programmed to provide a current
drive of 16 mA or 8 mA.
0
16 mA current drive.
1
8 mA current drive.
res
Reserved for future expansion. Always write 0s to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com