Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RIFRLCR080P25 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # RIFRLCR080P25
Description  Venture Lighting
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RIFRLCR080P25 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button RIFRLCR080P25 Datasheet HTML 16Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 17Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 18Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 19Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 20Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 21Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 22Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 23Page - List of Unclassifed Manufacturers RIFRLCR080P25 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
+(44) 0845-2302222 Fax +(44) 0845-2302077 www.venturelightingeurope.com E-mail: sales@venturelighting.co.uk
LIGHTING
VENTURE
20
Ceramic Master-PLUS Metal Halide
Ceramic Master-PLUS Metal Halide lamps from
Venture offer an unbeatable combination of
performance and reliability, as you'd expect from
the world's leading name in Metal Halide
technology.
Features:
• Excellent light quality
• Exceptional colour rendering and consistency
• Increased lamp life
• Lower maintenance requirements
• Reduced heat output
• Significantly less power consumption than
halogen equivalents
• Ideal for use with quality interior décors
Energy Efficient
Venture Ceramic lamps are highly energy efficient and offer truly exceptional performance, delivering up to 100 lumens per watt. They therefore
consume considerably less energy and generate less heat than a halogen equivalent. Maintenance requirements are reduced too, as the lamps are
both robust and reliable and offer a life expectancy of up to 18,000 hours.
Excellent Light & Colour
The quality and consistency of light generated by Venture Metal Halide lamps has always been at the forefront of our design technology.
The Venture Ceramic Master-PLUS range offers a clean white light and excellent colour rendering, making it ideal for display use and for
accentuating quality interiors and decors. Colours, features and textures really stand out.
Lamp-to-lamp colour uniformity is comparable to Venture
lamps, so the effect you want is never lost.
Venture Ceramic Master-PLUS lamps use the latest in ceramic arc tube design.
Our slip cast arc tube provides excellent reliability due to its factory formed construction.
The single piece arc tube with contours similar to Venture
lamps offers better colour
control, higher Lumens and longer life
Ceramic Master-PLUS
Conventional Arc Tube
5341 Pgs 20-27:5314 Venture Catalogue 20-27 12/03/2010 14:22 Page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com