| Electronic Components Datasheet Search |
|
LTC1289BCSW Datasheet(PDF) 14 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1289BCSW Datasheet(HTML) 14 Page - Linear Technology |
|
14 / 28 page ![]() 14 LTC1289 1289fb S APPLICATI I FOR ATIO Deglitcher A deglitching circuit has been added to the Chip Select input of the LTC1289 to minimize the effects of errors caused by noise on that input. This circuit ignores changes in state on the CS input that are shorter in duration than one ACLK cycle. After a change of state on the CS input, the LTC1289 waits for two falling edge of the ACLK before recognizing a valid chip select. One indication of CS recognition is the DOUT line becoming active (leaving the Hi-Z state). Note that the deglitching applies to both the rising and falling CS edges. CS Low During Conversion In the normal mode of operation, CS is brought high during the conversion time. The serial port ignores any SCLK activity while CS is high. The LTC1289 will also operate with CS low during the conversion. In this mode, SCLK must remain low during the conversion as shown in the following figure. After the conversion is complete, the DOUT line will become active with the first output bit. Then the data transfer can begin as normal. Figure 4. CS Low During Conversion Figure 3. CS High During Conversion Low CS Recognized Internally High CS Recognized Internally CS ACLK DOUT Hi-Z VALID OUTPUT LTC1289 AI08 CS ACLK DOUT Hi-Z VALID OUTPUT LTC1289 AI08a DON'T CARE B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 SHIFT RESULT OUT AND NEW ADDRESS IN SCLK CS DOUT DIN tSMPL SAMPLE ANALOG INPUT SHIFT MUX ADDRESS IN LTC1289 AIF03 48 TO 52 ACLK CYC DON'T CARE B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B11 B10 B9 B8B7 B6 B5 B4 B3B2 B1B0 SHIFT RESULT OUT AND NEW ADDRESS IN SCLK CS DOUT DIN tSMPL SAMPLE ANALOG INPUT SHIFT MUX ADDRESS IN LTC1289 AIF04 48 TO 52 ACLK CYC SCLK MUST REMAIN LOW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |