Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1290BCSW Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290BCSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1290BCSW Datasheet HTML 11Page - Linear Technology LTC1290BCSW Datasheet HTML 12Page - Linear Technology LTC1290BCSW Datasheet HTML 13Page - Linear Technology LTC1290BCSW Datasheet HTML 14Page - Linear Technology LTC1290BCSW Datasheet HTML 15Page - Linear Technology LTC1290BCSW Datasheet HTML 16Page - Linear Technology LTC1290BCSW Datasheet HTML 17Page - Linear Technology LTC1290BCSW Datasheet HTML 18Page - Linear Technology LTC1290BCSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
Microprocessor Interfaces
The LTC1290 can interface directly (without external hard-
ware) to most popular microprocessor (MPU) synchro-
nous serial formats (see Table 2). If an MPU without a
serial interface is used, then four of the MPU’s parallel port
lines can be programmed to form the serial link to the
LTC1290. Included here are two serial interface examples
and one example showing a parallel port programmed to
form the serial interface
Serial Port Microprocessors
Most synchronous serial formats contain a shift clock
(SCLK) and two data lines, one for transmitting and one for
receiving. In most cases data bits are transmitted on the
falling edge of the clock (SCLK) and captured on the rising
edge. However, serial port formats vary among MPU
manufactures as to the smallest number of bits that can be
sent in one group (e.g., 4-bit, 8-bit or 16-bit transfers).
They also vary as to the order in which the bits are
transmitted (LSB or MSB first). The following examples
show how the LTC1290 accommodates these differences.
Figure 4. CS Low During Conversion (CS Must go High to Low Once to Insure Proper Operation in this Mode)
B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SHIFT RESULT OUT
AND NEW ADDRESS IN
SCLK
CS
DOUT
DIN
tSMPL
SAMPLE ANALOG
INPUT
SHIFT
MUX ADDRESS
IN
LTC1290 F04
48 TO 52
ACLK CYC
SCLK MUST
REMAIN LOW
DON’T CARE
Figure 3. CS High During Conversion
B11 B10 B9B8B7B6B5B4B3B2B1B0
B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SHIFT RESULT OUT
AND NEW ADDRESS IN
SCLK
CS
DOUT
DIN
tSMPL
SAMPLE ANALOG
INPUT
SHIFT
MUX ADDRESS
IN
LTC1290 F03
48 TO 52
ACLK CYC
DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com