Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSH Datasheet(PDF) 2 Page - MMD Components

Part # MSH
Description  MSH Series 3.2 x 2.5 Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MSH Datasheet(HTML) 2 Page - MMD Components

  MSH Datasheet HTML 1Page - MMD Components MSH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
091013 K
Subject to change without notice
Pg 2 of 2
Revision:
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
3.2 x2 .5 Cera m ic SM D
4 P a ds
MS
F re q ue nc y
O p eratin g T e m p eratu re
Bla n k = 0 °C to + 7 0 °C
2 7 = -2 0 °C to +7 0 °C
4 8 = -4 0 °C to +8 5 °C
H
F re q uenc y
S ta b ility
025 = ± 25 p p m
050 = ± 50 p p m
100 = ± 100 p p m
S u p p ly V o lta g e
3 = +3 .3 V D C
2 = + 2 .5 V D C
1 = +1 .8 V D C
S y mme try
Blan k = 4 0 /6 0 %
A = 4 5 /5 5 %
Pin 1 C o nn e c tion
Bla n k = N o C o nne ct
H = T ri-state
S = S tan d b y
Please C o nsult w ith M M D Sale s D epartm e nt fo r an y o ther Param e te rs or O p tions
Ou tp u t
H = HC M O S
Va lu e Ad d e d O p tio n s
B lank = N o A d d ed O p tions
T = T a pe an d R e el



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com