Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MTTAS Datasheet(PDF) 1 Page - MMD Components

Part # MTTAS
Description  MTTAS Series ??5 X 3.2 Ceramic SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTTAS Datasheet(HTML) 1 Page - MMD Components

  MTTAS Datasheet HTML 1Page - MMD Components MTTAS Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
03/18/11 H
Revisions only with customer approval
Pg 1 of 2
M
MT
TT
TA
AS
S S
Se
erriie
ess
5
5 X
X 3
3..2
2 C
Ce
erra
am
miicc S
SM
MD
D V
VC
CT
TC
CX
XO
O
 Low Profile SMD Device
 Hermetically Sealed
 Tight Stability Over Temperature
 Low Power Consumption
Environmental & Mechanical Detail
Marking Detail
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code
(Year / Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Frequency Range
8.000MHZ to 32.768MHZ
Frequency Stability vs Temperature *
(See Frequency Stability vs Temperature Table)
Operating Temperature Range
(See Frequency Stability vs Temperature Table)
Storage Temperature Range
-40°C to +85°C
Supply Voltage
+2.50VDC
+3.30VDC
Supply Current
2mA max
Output Type
Clipped Sinewave
Output Level
0.8 Vp-p min
Output Load
10k Ohms // 10pF
Control Voltage
1.25 ± 1.00VDC
Frequency Tunning Range
±6.0ppm
* Inclusive of Temperature., Load, Voltage and Aging
Slope
Positive
1.5VDC ±1.0VDC
±8.0ppm
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Fine Leak Test
MIL-STD-883, Method 1014, Condition A-2
Phase Noise


Similar Part No. - MTTAS

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTTAS MMD-MTTAS Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTAS210A MMD-MTTAS210A Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTAS210AG MMD-MTTAS210AG Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTAS210AV MMD-MTTAS210AV Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTAS210C MMD-MTTAS210C Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
More results

Similar Description - MTTAS

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTTAS MMD-MTTAS Datasheet
347Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTTBS MMD-MTTBS Datasheet
411Kb / 2P
5 x 3.2 Ceramic SMD VCTCXO
MTSS MMD-MTSS Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTH MMD-MTH Datasheet
78Kb / 1P
5 x 3.2 Ceramic SMD Oscillator
MTH MMD-MTH_12 Datasheet
107Kb / 2P
MTH Series 5 x 3.2 Ceramic SMD Oscillator
MTSS MMD-MTSS_13 Datasheet
134Kb / 2P
MTSS Series ??3.2 X 2.5 Ceramic SMD VCTCXO
MTVSS MMD-MTVSS_12 Datasheet
122Kb / 2P
MTVSS Series ??3.2 X 2.5 Ceramic SMD VCTCXO
logo
Transko Electronics, In...
TFC5 TRANSKO-TFC5 Datasheet
316Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
TX-T TRANSKO-TX-T Datasheet
315Kb / 2P
TCXO/VCTCXO MINIATURE SMD (5.0 x 3.2 x 1.5mm)
Rev. 2: Jul. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com