Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP221GSZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP221GSZ
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221GSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP221GSZ Datasheet HTML 3Page - Analog Devices OP221GSZ Datasheet HTML 4Page - Analog Devices OP221GSZ Datasheet HTML 5Page - Analog Devices OP221GSZ Datasheet HTML 6Page - Analog Devices OP221GSZ Datasheet HTML 7Page - Analog Devices OP221GSZ Datasheet HTML 8Page - Analog Devices OP221GSZ Datasheet HTML 9Page - Analog Devices OP221GSZ Datasheet HTML 10Page - Analog Devices OP221GSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
OP221
–7–
FREQUENCY – Hz
30
1K
1M
10k
100k
28
24
20
16
12
8
4
0
TA = 25 C
VS = 15V
RL = 10k
TPC 10. Maximum Output Swing
vs. Frequency
FREQUENCY – Hz
11k
10
100
100
10
80
70
60
50
40
20
30
TPC 13. Voltage Noise Density vs.
Frequency
LOAD RESISTANCE –
16
100
100k
1k
10k
14
12
10
8
6
4
2
TA = 25 C
VS = 15V
POSITIVE
NEGATIVE
0
TPC 11. Maximum Output Voltage
vs. Load Resistance
FREQUENCY – Hz
10
0.1
11k
1.0
10
100
TPC 13. Current Noise Density vs.
Frequency
LOAD RESISTANCE –
100
100k
1k
10k
2.0
1.0
TA = 25 C
VS = 2.5V
NEGATIVE
POSITIVE
0
TPC 12. Maximum Output Voltage
vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com