Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC3 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # PSOC3
Description  PSoC 3 DEVELOPMENT KIT QUICK START GUIDE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC3 Datasheet(HTML) 2 Page - Cypress Semiconductor

  PSOC3 Datasheet HTML 1Page - Cypress Semiconductor PSOC3 Datasheet HTML 2Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2011 Cypress Semiconductor Corporation. All rights reserved. All trademarks or registered trademarks
referenced herein are the properties of their respective owners.
Doc. #: 001-60904 Rev. *A
http://www.cypress.com/go/CY8CKIT-030
For the latest information about this kit, visit
PSoC 3 DEVELOPMENT KIT
QUICK START GUIDE
PSoC 3 Development Kit Details
Power Adapter
9 V Battery Boost Converter
Input
Communication USB
10-Pin JTAG/SWD/SWO
Debug and Prog Header
On-board
Programming
USB
24 MHz Crystal
Port D
(CapSense/
Miscellaneous
Port)
32 kHz Crystal
Port E
(Analog Port)
Variable
Resistor/
Potentiometer
RS-232
Interface
Character LCD Interface
Switches/LEDs
Prototyping Area
CapSense
Reset Button



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com