Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN74LS122D Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS122D
Description  RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS122D Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS122D Datasheet HTML 1Page - Motorola, Inc SN74LS122D Datasheet HTML 2Page - Motorola, Inc SN74LS122D Datasheet HTML 3Page - Motorola, Inc SN74LS122D Datasheet HTML 4Page - Motorola, Inc SN74LS122D Datasheet HTML 5Page - Motorola, Inc SN74LS122D Datasheet HTML 6Page - Motorola, Inc SN74LS122D Datasheet HTML 7Page - Motorola, Inc SN74LS122D Datasheet HTML 8Page - Motorola, Inc SN74LS122D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5-197
FAST AND LS TTL DATA
RETRIGGERABLE MONOSTABLE
MULTIVIBRATORS
These dc triggered multivibrators feature pulse width control by three meth-
ods. The basic pulse width is programmed by selection of external resistance
and capacitance values. The LS122 has an internal timing resistor that allows
the circuits to be used with only an external capacitor. Once triggered, the ba-
sic pulse width may be extended by retriggering the gated low-level-active (A)
or high-level-active (B) inputs, or be reduced by use of the overriding clear.
Overriding Clear Terminates Output Pulse
Compensated for VCC and Temperature Variations
DC Triggered from Active-High or Active-Low Gated Logic Inputs
Retriggerable for Very Long Output Pulses, up to 100% Duty Cycle
Internal Timing Resistors on LS122
SN54 / 74LS122 (TOP VIEW)
(SEE NOTES 1 THRU 4)
SN54 / 74LS123 (TOP VIEW)
(SEE NOTES 1 THRU 4)
NOTES:
1. An external timing capacitor may be connected between Cext and Rext/Cext (positive).
2. To use the internal timing resistor of the LS122, connect Rint to VCC.
3. For improved pulse width accuracy connect an external resistor between Rext/Cext and
VCC with Rint open-circuited.
4. To obtain variable pulse widths, connect an external variable resistance between Rint/Cext
and VCC.
14
13
12
11
10
9
1
2
3
4
5
6
8
7
VCC
Rext/
Cext NC Cext NC Rint
Q
A1
A2
B1
B2
CLR
Q
GND
CLR Q
Q
Rint
2
Rext/
Cext
1
Cext
1Rext/
Cext
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
1A
1Q
2Q
2B
2
CLR
2A
1B
1
CLR
1Q
2Q
2
Cext
GND
Q
Q
Q
Q
CLR
CLR
NC NO INTERNAL CONNECTION.
SN54/74LS122
SN54/74LS123
RETRIGGERABLE MONOSTABLE
MULTIVIBRATORS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN74LS122D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS122D ONSEMI-SN74LS122D Datasheet
171Kb / 12P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS122D TI-SN74LS122D Datasheet
460Kb / 12P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74LS122D TI1-SN74LS122D Datasheet
1Mb / 25P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74LS122D TI1-SN74LS122D Datasheet
1Mb / 25P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74LS122D TI1-SN74LS122D Datasheet
1Mb / 26P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN74LS122D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54122 TI-SN54122 Datasheet
460Kb / 12P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN74123NE4 TI1-SN74123NE4 Datasheet
1Mb / 25P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_15 Datasheet
1Mb / 25P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54122 TI1-SN54122_18 Datasheet
1Mb / 26P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com