Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MVLL Datasheet(PDF) 1 Page - MMD Components

Part # MVLL
Description  VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVLL Datasheet(HTML) 1 Page - MMD Components

  MVLL Datasheet HTML 1Page - MMD Components MVLL Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
10/29/10 D
Revisions only with customer approval
Pg 1 of 2
M
MV
VL
LP
P,, M
MV
VL
LL
L &
& M
MV
VL
LV
V S
Se
erriie
ess V
VC
CX
XO
O
 MIL-STD-883 Level B
Screening Available
 Available to -55°C to + 125°
C Operating
 RoHS Compliant
 Less than 1 pSec Jitter
Marking Detail
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Numerical Digit Date Code
(Year / Week) Jan 27 2011=1105
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
LVDS
LVPECL
PECL
Frequency Range
70.000MHz to 800.000MHZ
Frequency Stability*
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Aging
±5 ppm / yr max
Logic “0”
1.43V typ
Vdd – 1.620 VDC max
Vdd – 1.620 VDC max
Logic “1”
1.10V typ
Vdd- 1.025 vdc min
Vdd- 1.025 vdc min
Supply Voltage (Vdd)
Supply Current
+2.5VDC ± 5%
50 mA max
50 mA max
N/A
+3.3VDC ± 5%
60 mA max
60 mA max
N/A
+5.0VDC ± 5%
N/A
N/A
140 mA max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise / Fall Time (20% to 80%)
2nSec max
Load
50 Ohms into Vdd-2.00 VDC
Start Time
10mSec max
Phase Jitter (12kHz to 20MHz)
Less than 1 pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
* Inclusive of Temp., Load, Voltage and Aging
Control Voltage (Vc)
+2.5VDC
1.25VDC ±1.00VDC
1.25VDC ±1.00VDC
N/A
+3.3VDC
1.65VDC ±1.50VDC
1.65VDC ±1.50VDC
N/A
+5.0VDC
N/A
2.50VDC ±2.00VDC
Pullability
(See Part Number Guide for Options)
Linearity
(See Part Number Guide for Options)
N/A
Environmental & Mechanical Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Re-
sistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak
Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20


Similar Part No. - MVLL

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVLL5 MMD-MVLL5 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
More results

Similar Description - MVLL

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
VCXO
VCXO-252J KSS-VCXO-252J Datasheet
145Kb / 1P
VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
VCXO
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
VCXO
2005-07-15
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS145 AXTAL-AXIS145 Datasheet
53Kb / 2P
VCXO
2008-05-31
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
VCXO
2008-05-07
logo
Vectron International, ...
C5310 VECTRON-C5310_07 Datasheet
195Kb / 6P
VCXO
logo
MMD Components
MVSC1 MMD-MVSC1_12 Datasheet
129Kb / 2P
VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com