Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC4467CPD Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4467CPD
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467CPD Datasheet(HTML) 4 Page - Microchip Technology

  TC4467CPD Datasheet HTML 1Page - Microchip Technology TC4467CPD Datasheet HTML 2Page - Microchip Technology TC4467CPD Datasheet HTML 3Page - Microchip Technology TC4467CPD Datasheet HTML 4Page - Microchip Technology TC4467CPD Datasheet HTML 5Page - Microchip Technology TC4467CPD Datasheet HTML 6Page - Microchip Technology TC4467CPD Datasheet HTML 7Page - Microchip Technology TC4467CPD Datasheet HTML 8Page - Microchip Technology TC4467CPD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC4467/TC4468/TC4469
DS21425B-page 4
 2002 Microchip Technology Inc.
ELECTRICAL SPECIFICATIONS (OPERATING TEMPERATURES)
TRUTH TABLE
Electrical Characteristics: Unless otherwise noted, over operating temperature range with 4.5 V
≤ VDD ≤ 18 V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic 1, High Input Voltage
VIH
2.4
—
—
V
Note 3
Logic 0, Low Input Voltage
VIL
——
0.8
V
Note 3
Input Current
IIN
-10
—
10
µA
0 V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
ILOAD = 100 µA (Note 1)
Low Output Voltage
VOL
—
—
0.30
V
ILOAD = 10 mA (Note 1)
Output Resistance
RO
—20
30
Ω
IOUT = 10 mA, VDD = 18 V
Peak Output Current
IPK
—1.2
—
A
Continuous Output Current
IDC
—
—
300
mA
Single Output
—
—
500
Total Package
Latch-Up Protection Withstand
Reverse Current
I—
500
—
mA
4.5 V
≤ VDD ≤ 16 V
Switching Time (Note 1)
Rise Time
tR
—
15
50
nsec
Figure 4-1
Fall Time
tF
—
15
50
nsec
Figure 4-1
Delay Time
tD1
—
40
100
nsec
Figure 4-1
Delay Time
tD2
—
40
100
nsec
Figure 4-1
Power Supply
Power Supply Current
IS
——
8
mA
Power Supply Voltage
VDD
4.5
—
18
V
Note 2
Note
1:
Totem pole outputs should not be paralleled because the propagation delay differences from one to the other could cause one driver to
drive high a few nanoseconds before another. The resulting current spike, although short, may decrease the life of the device. Switching
times are ensured by design.
2:
When driving all four outputs simultaneously in the same direction, VDD will be limited to 16 V. This reduces the chance that internal dv/dt
will cause high-power dissipation in the device.
3:
The input threshold has approximately 50 mV of hysteresis centered at approximately 1.5 V. Input rise times should be kept below 5 µsec
to avoid high internal peak currents during input transitions. Static input levels should also be maintained above the maximum, or below
the minimum, input levels specified in the "Electrical Characteristics" to avoid increased power dissipation in the device.
Part No.
TC4467 NAND
TC4468 AND
TC4469 AND/INV
Inputs A
H
H
L
L
H
H
L
L
H
H
L
L
Inputs B
H
LH
LH
LHL
H
LH
L
Outputs TC446X
L
H
H
H
H
L
L
L
L
H
L
L
Legend: H = High L = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com