Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

32SMO Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 32SMO
Description  Crystal Clock Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

32SMO Datasheet(HTML) 1 Page - Wolfgang Knap

  32SMO Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Clock Oscillators
STANDARD SPECIFICATIONS
Generic part number
Frequency range
Frequency stability
(over all conditions)
Operating Conditions
Operating temperature
Supply
voltage (VDD)
Stand-by control voltage(Pin#1)
Absolute Max. Ratings
Supply voltage
Storage temperature
Input current
Stand-by current
*2
Output (-40℃ to +85℃)
Symmetry
Rise and fall times
"0" level
"1" level
Load
Disable delay time
Enable delay time
Startup time
SSB phase noise
(at VDD=+3.3V & 133.0MHz)
Aging (non operating)
Reflow condition
e.g. 32SMO(2.8VD) 24.000 MHz.
(※2) Internal crystal oscillation to be halted (Pin#1=VIL).
PACKAGE DATA
32SMO(A) : ±100 ppm over -20℃ to +70℃
Sealing
Base
Lid
Item
Specifications
32SMO
※1
32SMO(E) : ±20 ppm over -20℃ to +70℃
32SMO(B) : ±50 ppm over -20℃ to +70℃
-20℃ to +70℃ (Standard)
32SMO(CW) : ±30 ppm over -40℃ to +85℃
45% to 55% at 1/2VDD level
10 μA max. (Pin#1=VIL)
3.0
3.5
6.5
5.5
7.0
7.5
8.5
7.0
7.0
8.0
9.0
6.5
200 ns max.
5 ms max.
10 ms max.
-135 dBc/Hz, Typical at 1kHz offset
5 ns max. (10%VDD to 90%VDD level)
VOL : 10%VDD max.
VOH : 90%VDD min.
15 pF max. (CMOS)
RoHS
+175℃ ±10℃ for 1 to 2 minutes (preheating)
Terminal plating
Gold / Nickel
(surface) / (under)
Terminal
Ceramic
Seam
Tungsten (metalized)
Compliant (Pb-free)
-160 dBc/Hz, Typical at 1MHz offset
±5 ppm max. at +25℃ ±3℃ for first year
32SMO
Metal
(※1) Final exact part number to be determined with package type, input voltage, frequency stability,
operating temperature and frequency.
+250℃ ±10℃ for 10 seconds
VIH : 70%VDD min.
VIL : 30%VDD max.
※2
133MHz+
170MHz
-0.5V to +4.0V DC
-55℃ to +100℃
VDD
80MHz+
0.625MHz+
100MHz+
20MHz+
35MHz+
50MHz+
+1.8V
+2.5V
+3.3V
2.5
4.5
6.0
9.5
n.a.
21.0
18.0
8.5
10.5
13.5
10.5
8.0
0.625 MHz to 135.000 MHz
133.000 MHz to 170.000 MHz
+1.8V, +2.5V, +3.0V or +3.3V ±5%
+2.5V, +3.0V or +3.3V ±5%
-40℃ to +85℃ (W=Option)
32SMO(C) : ±30 ppm over -20℃ to +70℃
32SMO(AW) : ±100 ppm over -40℃ to +85℃
32SMO(BW) : ±50 ppm over -40℃ to +85℃
32SMO(D) : ±25 ppm over -20℃ to +70℃
32SMO(DW) : ±25 ppm over -40℃ to +85℃
32SMO
Item
Package
3.2x2.5mm STANDARD SMD CLOCK
(+1.8V, +2.5V, +3.0V or +3.3V FIXED MODELS)
1.3
1.0
2.3
1.3
0.01μF
0.1μF
TAPE SPECIFICATIONS
32SMO
32SMO
OUTPUT WAVEFORM
A
3.5 2.8 8.0 3.5 4.0 1.0 0.3 1.4
178
1000pcs
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
TEST CIRCUIT
SOLDERING PATTERN
CMOS OUTPUT
(Pin#1=Open or VIH)
(max. mA)


Similar Part No. - 32SMO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32SMO ETC-32SMO Datasheet
131Kb / 1P
STANDARD SMD CLOCK OSCILLATORS
logo
Wolfgang Knap
32SMO-9980A WK-32SMO-9980A Datasheet
116Kb / 1P
OSCILLATOR SPECIFICATIONS
32SMOA WK-32SMOA Datasheet
116Kb / 1P
OSCILLATOR SPECIFICATIONS
32SMOB WK-32SMOB Datasheet
116Kb / 1P
OSCILLATOR SPECIFICATIONS
32SMOC WK-32SMOC Datasheet
116Kb / 1P
OSCILLATOR SPECIFICATIONS
More results

Similar Description - 32SMO

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com