Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTK1A60 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTK1A60
Description  4 Quadrants Sensitive TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTK1A60 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTK1A60 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTK1A60 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTK1A60 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTK1A60 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTK1A60 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
◎ SEMIHOW REV.A1,March 2013
FEATURES
 Repetitive Peak Off-State Voltage : 600V/800V
 R.M.S On–State Current (I
T(RMS) = 1A)
 Sensitive Gate Trigger Current
- 5[mA] of IGT at I, II and III Quadrants.
- 12[mA] of IGT at IV Quadrant.
Applications
AC power or phase control through low output current of MCU or IC
suck like Heater, Solenoid valve control, etc.
General Description
Semihow’s sensitive TRIAC product is a glass passivated device,
has a low gate trigger current, high stability in gate trigger current to
variation of operating temperature and high off state voltage. It is
generally suitable for power and phase control in ac application.
HTK1A60/KTK1A80
4 Quadrants Sensitive TRIAC
Absolute Maximum Ratings
(T
J=25℃ unless otherwise specified )
V
DRM = 600V/800V
I
T(RMS) = 1 A
I
TSM = 13 A
I
GT = 5mA/12mA
T1
T2
G
SOT-89
Symbol
Symbol
Parameter
Conditions
Ratings
Unit
HTK1A60
HTK1A80
V
DRM
Repetitive Peak Off-State Voltage
Sine wave, 50/60Hz, Gate open
600
800
V
V
RRM
Repetitive Peak Reverse Voltage
600
800
V
I
T(AV)
Average On-State Current
Full sine wave, T
C = 72
oC
0.9
A
I
T(RMS)
R.M.S. On-State Current
1
A
I
TSM
Surge On-State Current
½ cycle, 50Hz/60Hz, Sine wave,
Non repetitive
12/13
A
I2t
Fusing Current
t = 10ms
0.7
A2S
P
GM
Forward Peak Gate Power
Dissipation
T
J = 125 °C
2
W
P
G(AV)
Forward Average Gate Power
Dissipation
T
J = 125 °C, over any 20ms
0.2
W
I
FGM
Forward Peak Gate Current
T
J = 125 °C, pulse width ≤ 20us
0.5
A
V
RGM
Reverse Peak Gate Voltage
T
J = 125 °C, pulse width ≤ 20us
6
V
T
J
Operating Junction Temperature
-40~+125
oC
T
STG
Storage Temperature
-40~+150
oC


Similar Part No. - HTK1A60

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
HTK100V101MTA10X20 MERITEK-HTK100V101MTA10X20 Datasheet
202Kb / 3P
Aluminum Electrolytic Capacitors
HTK100V101MTR10X20 MERITEK-HTK100V101MTR10X20 Datasheet
202Kb / 3P
Aluminum Electrolytic Capacitors
More results

Similar Description - HTK1A60

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
BT136-600 SEMIHOW-BT136-600_13 Datasheet
380Kb / 6P
4 Quadrants Sensitive TRIAC
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
4 Quadrants Sensitive TRIAC
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIAC
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
SemiHow Co.,Ltd.
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
4 Quadrants Sensitive TRIAC
logo
Tiger Electronic Co.,Lt...
Z0107MN TGS-Z0107MN Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com