Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTP12A80H Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HTP12A80H
Description  3 Quadrants Standard TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTP12A80H Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HTP12A80H Datasheet HTML 1Page - SemiHow Co.,Ltd. HTP12A80H Datasheet HTML 2Page - SemiHow Co.,Ltd. HTP12A80H Datasheet HTML 3Page - SemiHow Co.,Ltd. HTP12A80H Datasheet HTML 4Page - SemiHow Co.,Ltd. HTP12A80H Datasheet HTML 5Page - SemiHow Co.,Ltd. HTP12A80H Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
Electrical Characteristics
(T
J=25℃ unless otherwise specified )
Thermal Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RθJC
Thermal Resistance
Junction to Case
2.5
o
C/W
RθJA
Thermal Resistance
Junction to Ambient
58
o
C/W
Notes :
1. Pulse Width
≤ 1.0ms, Duty Cycle ≤ 1%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
DRM
Repetitive Peak Off-State Current
V
D = VDRM
T
J=25
oC
-
-
50
uA
T
J=125
oC
-
-
5
mA
I
RRM
Repetitive Peak Reverse Current
V
D = VDRM
T
J=25
oC
-
-
50
uA
T
J=125
oC
-
-
5
mA
I
GT
Gate Trigger Current
V
D = 12V, RL=330Ω
1+, 1-, 3-
-
-
35
mA
V
GT
Gate Trigger Voltage
V
D = 12V, RL=330Ω
1+, 1-, 3-
-
-
1.5
V
V
GD
Non-Trigger Gate Voltage1
V
D = 12V, RL=330Ω, TJ=125
oC
0.2
-
-
V
V
TM
Peak On-State Voltage
I
T = 17A, IG = 20mA
-
1.2
1.4
V
dv/dt
Critical Rate of Rise of Off-State
Voltage
V
D = 2/3 VDRM, TJ=125
oC
40
-
-
V/us
I
H
Holding current
I
T= 0.2A
-
45
-
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com