Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTP16A80H Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HTP16A80H
Description  3 Quadrants Standard TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTP16A80H Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HTP16A80H Datasheet HTML 1Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 2Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 3Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 4Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 5Page - SemiHow Co.,Ltd. HTP16A80H Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
10
-2
10
-1
10
0
10
1
10
-1
10
0
10
1
Pulse Time [sec]
0
1
2
3
4
10
-1
10
0
10
1
10
2
10
3
25
oC
Instantaneou on state voltage, V
T [V]
150
oC
-50
-25
0
25
50
75
100
125
150
0
1
2
Junction Temperature, T
J [
oC]
Typical Characteristics
Fig 7. Holding current vs.
Junction temperature
Fig 8. Thermal Impedance vs. pulse time
Fig 9. Instantaneous on state current vs.
Instantaneous on state voltage
R
G
R
L
V
DD
V
G
(1) Quadrant I
R
G
R
L
V
DD
V
G
(2) Quadrant II
R
G
R
L
V
DD
V
G
(3) Quadrant III
R
G
R
L
V
DD
V
G
(4) Quadrant IV
Measurement of gate trigger current
Note. Whole parameter and test condition can not be over absolute maximum ratings in this datasheet.
R
S=0.02Ω
V
TO=1.15V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com