Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KSH772 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSH772
Description  Audio Frequency Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSH772 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSH772 Datasheet HTML 1Page - SemiHow Co.,Ltd. KSH772 Datasheet HTML 2Page - SemiHow Co.,Ltd. KSH772 Datasheet HTML 3Page - SemiHow Co.,Ltd. KSH772 Datasheet HTML 4Page - SemiHow Co.,Ltd. KSH772 Datasheet HTML 5Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Audio Frequency Power Amplifier
KSH772
Audio Frequency Power Amplifier
- Low Speed Switching
- Complement to KSH882
CHARACTERISTICS
SYMBOL
RATING
UNIT
Collector-Base Voltage
Collector Emitter Voltage
VCBO
V
-40
30
V
V
3 Amperes
PNP Epitaxial Silicon Transistor
1 Watts
Absolute Maximum Ratings TC=25℃ unless otherwise noted
TO-126
1. Emitter
2. Collector
3. Base
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current(DC)
*Collector Current(Pulse)
Base Current(DC)
Collector Dissipation(Tc=25℃)
Collector Dissipation(Tc=25℃)
Junction Temperature
Storage Temperature
VCEO
VEBO
IC
ICP
IB
PC
PC
TJ
TSTG
-30
-5
-3
-7
-0.6
10
1
150
-55~150
V
V
A
A
A
W
W
℃
℃
*Plus Width≤10ms, Duty≤50%
1
2
3
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector Cut-off Current
ICBO
VCB= -30V,IE=0
-1
㎂
Emitter Cut-off Current
IEBO
VEB= -3V,IC=0
-1
㎂
*DC Current Gain
hFE1
hFE2
VCE= -2V,IC= -20mA
VCE=-2V,IC=-1A
30
60
220
160
400
Electrical Characteristics TC=25℃ unless otherwise noted
hFE2
VCE 2V,IC 1A
60
160
400
*Collector-Emitter Saturation Voltage
VCE(sat)
IC= -2A,IB= -0.2mA
-0.3
-0.5
V
*Base-Emitter Saturation Voltage
VBE(sat)
IC= -2A,IB= -0.2mA
-1.0
-2.0
V
Current Gain Bandwidth Product
fT
VCE= -5V,IC= -0.1A
80
㎒
Output Capacitance
Cob
VCB= -10V,IE=0
F=1MHz
55
㎊
* Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
hFE2
Classification
R
60 ~ 120
O
100 ~ 200
Y
160 ~ 320
G
250 ~ 500
Note.
S YWWH Y
KSH7 72
S
SemiHow Logo
YWW
Y; year code, WW; week code
H
Assembly code
Y
hFE2 Classification
Package Mark information.
◎ SEMIHOW REV.A2,Mar 2008



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com