Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMPWR300SA Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CMPWR300SA
Description  500mA SMARTOR Dual Regulator with V switch?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR300SA Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CMPWR300SA Datasheet HTML 3Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 4Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 5Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 6Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 7Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 8Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 9Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 10Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved.
12/5/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR300
10
Thermal dissipation of junction heat consists primarily of
two paths in series. The first path is the junction to the case
JC) thermal resistance which is defined by the package style,
and the second path is the case to ambient (θ
CA) thermal
resistance, which is dependent on board layout.
The overall junction to ambient (θ
JA) thermal resistance is
equal to:
θ
JA = θJC + θCA
For a given package style and board layout, the operating
junction temperature is a function of junction power
dissipation P
JUNC, and the ambient temperature, resulting in
the following thermal equation:
T
JUNC = TAMB + PJUNC JC ) + PJUNC CA )
= T
AMB + PJUNC JA )
The CMPWR300SA is housed in a thermally enhanced
package where the GND pins (5 through 8) are integral to
the leadframe (fused leadframe). When the device is mounted
on a double sided printed circuit board with two square
inches of copper allocated for “heat spreading”, the resulting
θ
JA is 50°C/W.
Typical Thermal Characteristics
Based on a maximum power dissipation of 1.0W (2Vx500mA)
with an ambient of 70°C the resulting junction temperature
will be:
T
JUNC = TAMB + PJUNC JA )
= 70°C + 1.0W (50°C/W)
= 70°C + 50°C = 120°C
All thermal characteristics of the CMPWR300SA were
measured using a double sided board with two square inches
of copper area connected to the GND pins for “heat
spreading”.
Measurements showing performance up to junction
temperature of 125°C were performed under light load
conditions (5mA). This allows the ambient temperature to
be representative of the internal junction temperature.
Note: The use of multi-layer board construction with power
planes will further enhance the thermal performance of the
package. In the event of no copper area being dedicated for
heat spreading, a multi-layer board construction will typically
provide the CMPWR300SA with an overall θ
JA of 70°C/W
which allows up to 780mW to be safely dissipated.
Fig 3.1. Output Voltage vs. Temperature.
This shows the regulator V
OUT performance up to the
maximum rated junction temperature. The overall 125°C
variation in junction temperature causes an output voltage
change of about 30mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com