Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6569D013TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6569D013TR
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569D013TR Datasheet(HTML) 2 Page - STMicroelectronics

  L6569D013TR Datasheet HTML 1Page - STMicroelectronics L6569D013TR Datasheet HTML 2Page - STMicroelectronics L6569D013TR Datasheet HTML 3Page - STMicroelectronics L6569D013TR Datasheet HTML 4Page - STMicroelectronics L6569D013TR Datasheet HTML 5Page - STMicroelectronics L6569D013TR Datasheet HTML 6Page - STMicroelectronics L6569D013TR Datasheet HTML 7Page - STMicroelectronics L6569D013TR Datasheet HTML 8Page - STMicroelectronics L6569D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L6569 L6569A
2/13
ABSOLUTE MAXIMUM RATINGS
(*)The device has an internal zener clamp between GND and VS (typical 15.6V).Therefore the circuit should not be driven by a DC low im-
pedance power source.
Note: ESD immunity for pins 6, 7 and 8 is guaranteed up to 900 V (Human Body Model)
THERMAL DATA
RECOMMENDED OPERATING CONDITIONS
PIN CONNECTION
Symbol
Parameter
Value
Unit
IS (*)
Supply Current
25
mA
VCF
Oscillator Resistor Voltage
18
V
VLVG
Low Side Switch Gate Output
14.6
V
VOUT
High Side Switch Source Output
-1 to VBOOT - 18
V
VHVG
High Side Switch Gate Output
-1 to VBOOT
V
VBOOT
Floating Supply Voltage
618
V
VBOOT/OUT
Floating Supply vs OUT Voltage
18
V
dVBOOT/dt
VBOOT Slew Rate (Repetitive)
± 50
V/ns
dVOUT/dt
VOUT Slew Rate (Repetitive)
± 50
V/ns
Tstg
Storage Temperature
-40 to 150
°C
Tj
Junction Temperature
-40 to 150
°C
Tamb
Ambient Temperature (Operative)
-40 to 125
°C
Symbol
Parameter
Minidip
SO8
Unit
Rth j-amb
Thermal Resistance Junction-Ambient Max
100
150
°C/W
Symbol
Parameter
Min.
Max.
Unit
VS
Supply Voltage
10
VCL
V
VBOOT
Floating Supply Voltage
-
500
V
VOUT
High Side Switch Source Output
-1
VBOOT -VCL
V
fout
Oscillation Frequency
200
kHz
VS
RF
CF
GND
1
3
2
4
LVG
OUT
HVG
BOOT
8
7
6
5
D94IN059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com